Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3918TLX-A/NOPB Datasheet HTML 2Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 3Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 4Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 5Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 6Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 7Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 8Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 9Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Thermal Properties
(1)
Junction to Ambient Thermal Resistance
θJA
Jedec Standard Thermal PCB
37°C/W
4L Cellphone Board
66°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from thermal modelling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The value of (
θJA) of this product could fall within a wide range, depending on PWB material,
layout, and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care
must be paid to thermal dissipation issues in board design.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com