Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3918TLX-A/NOPB Datasheet HTML 3Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 4Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 5Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 6Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 7Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 8Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 9Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 10Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
General Electrical Characteristics
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. Typical values and limits
appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, Ta = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
IQ(STANDBY)
Standby Supply Current
VIN= 3.6V, UVLO on, internal
logic circuit on, all other
2
10
µA
circuits off
Power Monitor Functions
Battery Under-Voltage Lockout
VUVLO-R
Under Voltage Lock-out
VIN Rising
2.85
2.7
3.0
V
Thermal Shutdown
TSD Threshold
(2)
160
°C
LOGIC AND CONTROL INPUTS (LDO2 at 3.0V)
VIL
Input Low Level
PS_HOLD, SDA, SCL,
0.25×VLDO2
V
RX_EN, TCXO_EN, TX_EN
PWR_ON, HF_PWR
0.25×VBATT
V
VIH
Input High Level
PS_HOLD, SDA, SCL,
0.75×VLDO2
V
RX_EN, TCXO_EN, TX_EN
PWR_ON, HF_PWR
0.75×VBATT
V
IIL
Logic Input Current
All logic inputs except
-5
+5
µA
PWR_ON and HF_PWR
0V
≤ VINPUT ≤ VBATT
RIN
Input Resistance
PWR_ON, HF_PWR Pull-
500
k
Ω
Down resistance to GND(2)
LOGIC AND CONTROL OUTPUTS (LDO2 at 3.0V)
VOL
Output Low Level
PON_N, RESET_N, SDA,
0.25×VLDO2
V
ACOK_N
IOUT = 2mA
VOH
Output High Level
PON_N, RESET_N,
0.75×VLDO2
V
ACOK_N
IOUT = 2mA
(Not applicable to Open
Drain Output SDA)
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Specified by design. Not production tested.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com