Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3918TLX-A/NOPB Datasheet HTML 1Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 2Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 3Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 4Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 5Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 6Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 7Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 8Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
7 x LDO
Control
Serial
Interface
Li - Ion Charger
AC Adapter
Ichg
Monitor
-
+
BB Processor
Power Domains
Memory
RF
Peripheral
Devices
I/O
Interface
of
Baseband
Processor
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
LP3918 Battery Charge Management and Regulator Unit
Check for Samples: LP3918
1
FEATURES
KEY SPECIFICATIONS
2
•
Fully Integrated Li-Ion Battery Charger with
•
50mA to 950mA Programmable Charge
Thermal Regulation
Current
•
USB Charge Mode
•
3.0V to 5.5V Input Voltage Range
•
7 Low Noise LDO’s
•
200mV Typ. Dropout Voltage on 300 mA LDO’s
–
2 x 300 mA
•
2% (Typ) Output Voltage Accuracy on LDO’s
–
3 x 150 mA
DESCRIPTION
–
2 x 80 mA
The LP3918 is a fully integrated charger and multi-
•
I2C Compatible Interface for Controlling LDO
regulator unit designed for CDMA cellular phones.
Outputs and Charger Operation
The LP3918 contains a Li-Ion battery charger, 7 low
•
Thermal Shutdown
noise low dropout (LDO) voltage regulators and a
high-speed
serial
interface
to
program
on/off
•
Under Voltage Lockout
conditions
and
output
voltages
of
individual
•
25-Bump Thin DSBGA Package 2.5 x 2.5 mm
regulators, and also to read status information from
•
Options Available on Request, Please Contact
the PMU.
Sales Office for Further Information;
The Li-Ion charger integrates a power FET, reverse
–
Level Detect on HF_PWR & PWR_ON
current blocking diode, sense resistor with current
monitor output, and requires only a few external
–
LDO Charging Mode
components. Charging is thermally regulated to
–
Custom Default Settings on Charger, and
obtain the most efficient charging rate for a given
LDO O/P's.
ambient temperature.
LDO regulators provide high PSRR and low noise
APPLICATIONS
ideally suited for supplying power to both analog and
•
CDMA Phone Handsets
digital loads.
•
Low Power Wireless Handsets
•
Handheld Information Appliances
•
Personal Media Players
•
Digital Cameras
Functional Block Diagram
Figure 1. Simplified Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - LP3918TLX-A/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3918TLX-A NSC-LP3918TLX-A Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
More results

Similar Description - LP3918TLX-A/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Cymbet Corporation
CBC910 CYMBET-CBC910 Datasheet
685Kb / 14P
Charge Pump and Battery Management ASIC
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
Charge Pump and Battery Management ASIC Bare Die
logo
Texas Instruments
BQ40Z60 TI1-BQ40Z60_16 Datasheet
1Mb / 47P
Programmable Battery Management Unit
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
Charge and Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
Solar lithium battery charge and discharge management chip
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com