Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TLX-A/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3918TLX-A/NOPB
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918TLX-A/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3918TLX-A/NOPB Datasheet HTML 8Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 9Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 10Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 11Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 12Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 13Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 14Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 15Page - Texas Instruments LP3918TLX-A/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Charger Electrical Characteristics (continued)
Unless otherwise noted, VCHG-IN = 5V, VIN ( = VIN1 = VIN2 = BATT) = 3.6V.CCHG_IN = 10µF, CBATT = 30µF. Charger set to
default settings unless otherwise noted. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, Ta = TJ = −25°C to +85°C.
(1)(2)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
Detection and Timing(5)
TPOK
Power OK deglitch
VBATT < (VCC - VOK_CHG)
32
mS
time
TPQ_FULL
Deglitch time
Pre-qualification to full-rate charge
230
mS
transition
TCHG
Charge timer
Precharge mode
1
Hrs
Full Rate Charging Timeout
5
Constant Voltage Timeout
5
TEOC
Deglitch time for
230
mS
end-of-charge
transition
(5)
Specified by design. Not production tested.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com