Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CS8413-CS Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CS8413 CS8414
DS240F1
21
Normal Modes (M3 = 0)
When M3 is low, the normal serial port formats
shown in Figure 17 are selected using M2, M1, and
M0. These formats are also listed in Table 3,
wherein the first word past the format number
(Out-In) indicates whether FSYNC and SCK are
outputs from the CS8414 or are inputs. The next
word (L/R-WSYNC) indicates whether FSYNC in-
dicates the particular channel or just delineates
each word. If an error occurs (ERF = 1) while using
one of these formats, the previous valid audio data
for that channel will be output. As long as ERF is
high, that same data word will be output. If the
CS8414 is not locked, it will output all zeroes. In
some modes FSYNC and SCK are outputs and in
others they are inputs. In Table 3, LSBJ is short for
LSB justified where the LSB is justified to the end
of the audio frame and the MSB varies with word
length. As outputs the CS8414 generates 32 SCK
periods per audio sample (64 per stereo sample)
and, as inputs, 32 SCK periods must be provided
per audio sample. When FSYNC and SCK are in-
puts, one stereo sample is double buffered. For
those modes which output 24 bits of audio data, the
auxiliary bits will be included. If the auxiliary bits
are not used for audio data, they must be masked
off.
Table 3. Normal Audio Port Modes (M3 = 0)
Special Modes (M3 = 1)
When M3 is high, the special audio modes de-
scribed in Table 4 are selected via M2, M1, and
M0. In formats 8, 9, and 10, SCK, FSYNC, and
SDATA are the same as in formats 0, 1, and 2 re-
spectively; however, the recovered data is output as
is even if ERF is high, indicating an error. (In
modes 0-2 the previous valid sample is output.)
Similarly, when out of lock, the CS8414 will still
output all the recovered data, which should be ze-
ros if there is no input to the RXP, RXN pins. For-
mat 11 is similar to format 0 except that SCK is an
input and FSYNC is an output. In this mode
FSYNC and SDATA are synchronized to the in-
coming SCK, and the number of SCK periods be-
tween FSYNC edges will vary since SCK is not
synchronous to received data stream. This mode
may be useful when writing data to storage.
Table 4. Special Audio Port Modes (M3 = 1)
Format 12 is similar to format 7 except that SDA-
TA is the entire data word received from the trans-
mission line including the C, U, V, and P bits, with
zeros in place of the preamble. In format 13 SDA-
TA contains the entire biphase encoded data from
the transmission line including the preamble, and
SCK is twice the normal frequency. The normal
two frame delay of data from input to output is re-
duced to only a few bit periods in formats 12 and
13. However, the C, U, V bits and error codes fol-
low their normal pathways and therefore follow the
output data by nearly two frames. Figure 18 illus-
trates formats 12 and 13. Format 14 is reserved and
not presently used, and format 15 causes the
CS8414 to go into a reset state. While in reset all
outputs will be inactive except MCK. The CS8414
comes out of reset at the first block boundary after
M2
M1
M0
Format
0
0
0
0 - Out, L/R, 16-24 Bits
0
0
1
1 - In, L/R, 16-24 Bits
01
0
2 - Out, L/R, I2S Compatible
01
1
3 - In, L/R, I2S Compatible
1
0
0
4 - Out, WSYNC, 16-24 Bits
1
0
1
5 - Out, L/R, 16 Bits LSBJ
1
1
0
6 - Out, L/R, 18 Bits LSBJ
1
1
1
7 - Out, L/R, MSB Last
M2
M1
M0
Format
0
0
0
8 - Format 0 - No repeat on error
0
0
1
9 - Format 1 - No repeat on error
0
1
0
10 - Format 2 - No repeat on error
0
1
1
11 - Format 0 - Async. SCK input
1
0
0
12 - Received NRZ Data
1
0
1
13 - Received Bi-phase Data
1
1
0
14 - Reserved
1
1
1
15 - CS8414 Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com