Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS8413-CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
CS8413 CS8414
4
DS240F1
DIGITAL CHARACTERISTICS - RS422 RECEIVERS
(RXP, RXN pins only; VD+, VA+ = 5V ± 5%)
Notes: 4. VCM - Input Common Mode Range
5. When the receiver inputs are configured for single ended operation (e.g. consumer configuration) the
signal amplitude must exceed 400 mVp-p for the differential voltage on RXP to RXN to exceed 200 mV.
This represents twice the minimum signal level of 200 mVp-p specified in CP340/1201 and IEC-958
(which are not RS-422 compliant).
SWITCHING CHARACTERISTICS - CS8413 PARALLEL PORT
(TA = 25 °C;VD+, VA+ = 5V ± 5%; Inputs: Logic 0 = DGND, Logic 1 = VD+; CL = 20 pF)
Parameters
Symbol
Min
Typ
Max
Units
Input Resistance
(-7V < VCM < 7V)
(Note 4)
ZIN
-10
-
k
Ω
Differential Input Voltage,
(-7V < VCM < 7V)
(Notes 4 and 5)
RXP to RXN
VTH
200
-
-
mV
Input Hysteresis
VHYST
-50
-
mV
Parameters
Symbol
Min
Typ
Max
Units
ADDRESS valid to CS low
tadcss
13.5
-
-
ns
CS high to ADDRESS invalid
tcsadh
0-
-
ns
RD/WR valid to CS low
trwcss
10
-
-
ns
CS low to RD/WR invalid
tcsrwi
35
-
-
ns
CS low
tcsl
35
-
-
ns
DATA valid to CS rising
RD/WR low (writing)
tdcssw
32
-
-
ns
CS high to DATA invalid
RD/WR low (writing)
tcsdhw
0-
-
ns
CS falling to DATA valid
RD/WR high (reading)
tcsddr
--
35
ns
CS rising to DATA Hi-Z
RD/WR high (reading)
tcsdhr
5-
-
ns
A4 - A0
D7 - D0
RD/WR
Writing
Reading
adcss
t
csddr
t
csl
t
dcssw
t
csdhw
t
csdhr
t
csadh
t
CS
D7 - D0
RD/WR
csrwi
t
rwcss
t
CS8413 Parallel Port timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com