Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CS8413-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
CS8413 CS8414
12
DS240F1
system-wide reset. After the user sets RST high, the
CS8413 comes fully out of reset when the block
boundary is found. The serial port, in master mode,
will begin to operate as soon as RST goes high. B0
and B1 select one of three buffer modes listed in
Table and illustrated in Figure 5. In all modes four
bytes of user data are stored. In mode 0, one entire
block of channel status is stored. In mode 1 eight
bytes of channel status and sixteen bytes of auxilia-
ry data are stored. In mode 2, eight bytes of channel
status from each sub-frame are stored. The buffer
modes are discussed in more detail in the Buffer
Memory section. The next bit, CS2/CS1, selects the
particular sub-frame of channel status to buffer in
modes 0 and 1, and has no effect in mode 2. When
CS2/CS1 is low, sub-frame 1 is buffered, and when
CS2/CS1 is high, sub-frame 2 is buffered. IER/SR
selects which set of registers, either IEnable or sta-
tus, occupy addresses 0 and 1. When IER/SR is
low, the status registers occupy the first two ad-
dresses, and when IER/SR is high, the IEnable reg-
isters occupy those addresses. FCEN enables the
internal frequency counter. A 6.144 MHz clock
must be connected to the FCK pin as a reference.
The value of the FREQ bits in SR2 are not valid un-
til two thirds of a block of data is received. Since
FCK and A4, the most significant address bit, oc-
cupy the same pin, A4 is internally set to zero when
FCEN is high. Since A4 is forced to zero, the upper
half of the buffer is not accessible while using the
frequency compare feature. FPLL determines how
FSYNC is derived. When FPLL is low, FSYNC is
derived from the incoming data, and when FPLL is
high, it is derived from the internal phase-locked
loop.
Control Register 2 configures the serial port which
consists of three pins: SCK, SDATA, and FSYNC.
SDATA is always an output, but SCK and FSYNC
can be configured as inputs or outputs. FSYNC and
SDATA can have a variety of relationships to each
other, and the polarity of SCK can be controlled.
The large variety of audio data formats provides an
easy interface to most DSPs and other audio pro-
cessors. SDATA is normally just audio data, but
special modes are provided that output received bi-
phase data, or received NRZ data with zeros substi-
tuted for preamble. Another special mode allows an
asynchronous SCK input to read audio data from
the serial port without slipping samples. In this
mode FSYNC and SDATA are outputs synchro-
nized to the SCK input. Since SCK is asynchronous
to the received clock, the number of SCK cycles
between FSYNC edges will vary.
ROER, when set, causes the last audio sample to be
reread if the error pin, ERF, is active. When out of
lock, the CS8413 will output zeros if ROER is set
B1
B0
Mode
Buffer Memory Contents
0
0
0
Channel Status
011
Auxiliary Data
1
0
2
Independent Channel Status
113
Reserved
Table 2. Buffer Memory Modes
CR1:
FPLL:
0 - FSYNC from RXP/RXN, 1 - FSYNC from PLL
FCEN:
enables freq. comparator (FCK must be 6.144 MHz).
IER/SR:
[X:00,01] 0 - status, 1 - interrupt enable registers.
CS2/CS1: ch. status to buffer; 0 - sub-frame 1, 1 - sub-frame 2.
B1:
with B0, selects the buffer memory mode.
B0:
with B1, selects the buffer memory mode.
RST:
Resets internal counters. Set to “1” for normal operation.
X:02
7
6
5
4
3210
CR1.
FPLL
FCEN
IER/SR
CS2/CS1
B1
B0
RST
Figure 8. Control Register 1
CR2:
ROER:
Repeat previous value on error (audio data)
SDF2:
with SDF0 & SDF1, select serial data format.
SDF1:
with SDF0 & SDF2, select serial data format.
SDF0:
with SDF1 & SDF2, select serial data format.
FSF1:
with FSF0, select FSYNC format.
FSF0:
with FSF1, select FSYNC format.
MSTR:
When set, SCK and FSYNC are output
SCED:
When set, falling edge of SCK outputs data.
When clear, rising edge of SCK outputs data.
X:03
76543210
CR2.
ROER
SDF2
SDF1
SDF0
FSF1
FSF0
MSTR
SCED
Figure 9. Control Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com