Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CS8413-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CS8413 CS8414
DS240F1
13
and output random data if ROER is not set. The
conditions that activate ERF are those reported in
SR2 and enabled in IER2. Figure 10 illustrates the
modes selectable by SDF2-SDF0 and FSF1-FSF0.
MSTR, which in most applications will be set to
one, determines whether FSYNC and SCK are out-
puts (MSTR = 1) or inputs (MSTR = 0). When
FSYNC and SCK are inputs (slave mode) the audio
data can be read twice or missed if the device con-
trolling FSYNC and SCK is on a different time-
base than the CS8413. If the audio data is read
twice or missed, the SLIP bit in SR1 is set. SCED
selects the SCK edge to output data on. SCED high
causes data to be output on the falling edge, and
SCED low causes data to be output on the rising
edge.
24 Bits, Incl. Aux
16 Clocks
16 Clocks
16 Clocks
16 Clocks
32 Clocks
32 Clocks
32 Clocks
32 Clocks
00
01
10
11
1
1
1
1
FSYNC Output
FSYNC Output
FSYNC Output
FSYNC Output
FSF
00
01
10
11
MSTR
0
0
0
0
FSYNC Input
FSYNC Input
FSYNC Input
FSYNC Input
10 (bit)
000
MSB First - 32
001
011
101
111
MSB Last
LSB Last - 16
LSB Last - 18
LSB Last - 20
210 (bit)
Name
SDF
20 Bits
LSB
MSB
LSB
MSB
LSB
LSB
LSB
MSB
LSB
MSB
LSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
16 Bits
18 Bits
20 Bits
18 Bits
16 Bits
MSB
LSB
MSB
LSB
MSB
Left Sample
Right Sample
32 Bits
32 Bits
SPECIAL MODES:
* Error flags are not accurate in these modes
† FSYNC is inverted FSF = 11
MSB
LSB
MSB
LSB
MSB
16 Bits
16 Bits
MSB
MSB
MSB
LSB
LSB
MSB
MSB
MSB
LSB
LSB
Bi-Phase Mark Data
Bi-Phase Mark Data
32 Bits
32 Bits
LSB
VUCP
MSB
AUX
LSB
AUX
VUCP
MSB
AUX
210 MSTR
Name
SDF
110
0
MSB First - 24
010
0
MSB First - 16
010*† 1
NRZ Data
100*
1
Bi-Phase Data
100
Async SCK
0
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
Figure 10. CS8413 Serial Port SDATA and FSYNC Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com