Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button CS8413-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS8413 CS8414
18
DS240F1
Buffer Mode 2
In buffer mode 2, two 8-byte buffers are available
to independently buffer each channel of channel
status data. Both buffers are identical to the channel
status buffer in mode 1 and are written to simulta-
neously, with locations 08H to 0FH containing CS
data for channel A and locations 10H to 17H con-
taining CS data for channel B. Both CS buffers can
be monitored using FLAG1 and FLAG2 as de-
scribed in the BUFFER MODE 1 section.
FLAG0
FLAG1
FLAG2
(384 Audio Samples)
(Expanded)
Block
08
0B 0C
0F 08
C.S. Address
0
123
45
67 89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 0
1
C.S. Byte
FLAG0
C.S. Addr.
User Addr.
(Addresses are in Hex)
0F 0C
0F 0C
0F 0C
0F 0C
FLAG1
Aux. Addr.
08
09
0A
0B
04
05
06
07
04
05
06
07
07
0F
10
13,14
17
18
1B,1C
1F
10
13,14
17
18
1B,1C
1F
1F
Figure 13. CS8413 Buffer Memory Write Sequence - MODE 1
FLAG0
FLAG1
FLAG2
(384 Audio Samples)
Block
Left C.S. Ad.
012
3
4
5
6
7
8
9
10 11 121314151617 181920212223 0
1
C.S. Byte
(Addresses are in Hex)
(Expanded)
FLAG0
Left C.S. Ad.
User Address
08
0B 0C
0F 08
0F 0C
0F 0C
0F 0C
0F 0C
10
13 14
17 10
17
14
17 14
17 14
17 14
Right C.S. Ad.
Right C.S. Ad.
FLAG1
05
06
07
04
05
06
07
04
08
09
0A
0B
10
11
12
13
Figure 14. CS8413 Buffer Memory Write Sequence - MODE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com