Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS8413-CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
CS8413 CS8414
DS240F1
3
CHARACTERISTICS/SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (GND = 0V, all voltages with respect to ground)
Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up
RECOMMENDED OPERATING CONDITIONS (GND = 0V, all voltages with respect to ground)
Notes: 2. The ‘-CS’ parts are specified to operate over 0 to 70 °C but are tested at 25 °C only.
DIGITAL CHARACTERISTICS (T
A = 25 °C; VD+, VA+ = 5V ± 5%)
Notes: 3. FS is defined as the incoming audio sample frequency per channel.
Parameters
Symbol
Min
Max
Units
Power Supply Voltage
VD+, VA+
-
6.0
V
Input Current, Any Pin Except Supply
(Note 1)
Iin
-±10
mA
Input Voltage, Any Pin Except RXP, RXN
VIN
-0.3
(VD+) + 0.3
V
Input Voltage, RXP and RXN
VIN
-12
12
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VD+, VA+
4.75
5.0
5.25
V
Supply Current
VA+
VD+
IA
ID
-
-
20
20
30
30
mA
mA
Ambient Operating Temperature:
(Note 2)
TA
025
70
°C
Power Consumption
PD
-
175
315
mW
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
except RXP, RXN
VIH
2.0
-
-
V
Low-Level Input Voltage
except RXP, RXN
VIL
--
+0.4
V
High-Level Output Voltage
(IO = 200 µA)
VOH
(VD+) -
1.0
--
V
Low-Level Output Voltage
(IO = -3.2 mA)
VOL
--
0.5
V
Input Leakage Current
Iin
-1.0
10
µA
Input Sample Frequency:
(Note 3)
FS
28.4
-
100
kHz
Master Clock Frequency
(Note 3)
MCK
7.28
256xFS
25.6
MHz
MCK Clock Jitter
tj
-
200
-
psRMS
MCK Duty Cycle (high time/cycle time)
-
50
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com