Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8413-CS Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # CS8413-CS
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8413-CS Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button CS8413-CS Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 34Page - List of Unclassifed Manufacturers CS8413-CS Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
CS8413 CS8414
DS240F1
31
Audio Output Interface
SCK - Serial Clock, PIN 12.
Serial clock for SDATA pin which can be configured (via the M0, M1, M2, and M3 pins) as
an input or output, and can sample data on the rising or falling edge. As an output, SCK will
generate 32 clocks for every audio sample. As an input, 32 SCK periods per audio sample must
be provided in all normal modes.
FSYNC - Frame Sync, PIN 11.
Delineates the serial data and may indicate the particular channel, left or right, and may be an
input or output. The format is based on M0, M1, M2, and M3 pins.
SDATA - Serial Data, PIN 26.
Audio data serial output pin.
M0, M1, M2, M3 - Serial Port Mode Select, PINS 23, 24, 18, 17.
Selects the format of FSYNC and the sample edge of SCK with respect to SDATA. M3 selects
between eight normal modes (M3 = 0), and six special modes (M3 = 1).
Control Pins
VERF - Validity + Error Flag, PIN 28.
A logical OR’ing of the validity bit from the received data and the error flag. May be used by
interpolation filters to interpolate through errors.
U - User Bit, PIN 14.
Received user bit serial output port. FSYNC may be used to latch this bit externally. (Except in
I2S modes when this pin is updated on the active edge of FSYNC.)
C - Channel Status Output, PIN 1.
Received channel status bit serial output port. FSYNC may be used to latch this bit externally.
(Except in I2S modes when this pin is updated on the active edge of FSYNC.)
CBL - Channel Status Block Start, PIN 15.
The channel status block output is high for the first four bytes of channel status and low for the
last 20 bytes.
SEL - Select, PIN 16.
Control pin that selects either channel status information (SEL = 1) or error and frequency
information (SEL = 0) to be displayed on six of the following pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com