Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 2 Page - Texas Instruments

  LP3952 Datasheet HTML 1Page - Texas Instruments LP3952 Datasheet HTML 2Page - Texas Instruments LP3952 Datasheet HTML 3Page - Texas Instruments LP3952 Datasheet HTML 4Page - Texas Instruments LP3952 Datasheet HTML 5Page - Texas Instruments LP3952 Datasheet HTML 6Page - Texas Instruments LP3952 Datasheet HTML 7Page - Texas Instruments LP3952 Datasheet HTML 8Page - Texas Instruments LP3952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
CONNECTION DIAGRAMS
36-bump DSBGA Package, 3.0 x 3.0 x 0.65 mm, 0.5 mm pitch
See Package Number YPG0036AAA
PIN DESCRIPTIONS
Name
Pin No.
Type
Description
SW
6F
Output
Boost Converter Power Switch
FB
6E
Input
Boost Converter Feedback
GND
6D
Ground
Ground
R1
6C
Output
Red LED 1 Output
G1
6B
Output
Green LED 1 Output
B1
6A
Output
Blue LED 1 Output
GND_SW
5F
Ground
Power Switch Ground
GND
5E
Ground
Ground
VDDIO
5D
Power
Supply Voltage for Logic Input/Output Buffers and Drivers
SDA
5C
Logic Input/Output
Serial Data In/Out (I2C)
IRGB
5B
Input
Bias Current Set Resistor for RGB Drivers
GND_RGB
5A
Ground
Ground for RGB Currents
GND
4F
Ground
Ground
GND
4E
Ground
Ground
PWM
4D
Logic Input
External PWM Control for LEDs. Connect to GND if not used.
ADDR_SEL
4C
Logic Input
Address Select (I2C)
NRST
4B
Logic Input
Reset Pin
R2
4A
Output
Red LED 2 Output
GND
3F
Ground
Ground
GND
3E
Ground
Ground
VDD1
3D
Power
Supply Voltage
GND
3C
Ground
Ground
SCL
3B
Logic Input
Clock (I2C)
G2
3A
Output
Green LED 2 Output
GND
2F
Ground
Ground
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com