Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 9Page - Texas Instruments LP3952 Datasheet HTML 10Page - Texas Instruments LP3952 Datasheet HTML 11Page - Texas Instruments LP3952 Datasheet HTML 12Page - Texas Instruments LP3952 Datasheet HTML 13Page - Texas Instruments LP3952 Datasheet HTML 14Page - Texas Instruments LP3952 Datasheet HTML 15Page - Texas Instruments LP3952 Datasheet HTML 16Page - Texas Instruments LP3952 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
100 - internal current mirror multiplier
RRGB- resistor value in Ohms
50
Ω - internal resistor in the IRGB input
For example if 22mA is required for maximum RGB current RRGB equals to:
RRGB=100×1.23V / IMAX–50Ω=123V / 0.022A–50Ω=5.54kΩ
(2)
Each individual RGB output has a separate maximum current programming. The control bits are in registers
RGB1 max current and RGB2 max current (12H and 13H) and programming is shown in table below. The
default value after reset is 00b.
IR1[1:0], IG1[1:0],
Maximum
IB1[1:0], IR2[1:0],
Current/Output
IG2[1:0], IB2[1:0]
00
0.25 × IMAX
01
0.50 × IMAX
10
0.75 × IMAX
11
1.00 × IMAX
SWITCH MODE
The switch mode is used if there is a need to connect parallel LEDs to output or if the RGB output current needs
to be increased.
Please note that the switch mode requires an external ballast resistors at each output to limit the LED current.
The switch/current mode and on/off controls for RGB are in the RGB_ctrl register (00H).
Table 1. RGB_ctrl Register (00H) (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
1
R1, G1 and B1 are switches
→ limit current with ballast resistor
CC_RGB1
bit7
0
R1, G1 and B1 are constant current sinks, current limited internally
1
R2, G2 and B2 are switches
→ limit current with ballast resistor
CC_RGB2
bit6
0
R2, G2 and B2 are constant current sinks, current limited internally
1
R1 is on
r1sw
bit5
0
R1 is off
1
G1 is on
g1sw
bit4
0
G1 is off
1
B1 is on
b1sw
bit3
0
B1 is off
1
R2 is on
r2sw
bit2
0
R2 is off
1
G2 is on
g2sw
bit1
0
G2 is off
1
B2 is on
b2sw
bit0
0
B2 is off
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com