Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 35Page - Texas Instruments LP3952 Datasheet HTML 36Page - Texas Instruments LP3952 Datasheet HTML 37Page - Texas Instruments LP3952 Datasheet HTML 38Page - Texas Instruments LP3952 Datasheet HTML 39Page - Texas Instruments LP3952 Datasheet HTML 40Page - Texas Instruments LP3952 Datasheet HTML 41Page - Texas Instruments LP3952 Datasheet HTML 42Page - Texas Instruments LP3952 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
PATTERN CONTROL REGISTERS
Command_[1:8]A – Pattern Control Register A
D7
D6
D5
D4
D3
D2
D1
D0
r[2:0]
g[2:0]
cet[3:2]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Command_[1:8]B – Pattern Control Register B
D7
D6
D5
D4
D3
D2
D1
D0
cet[1:0]
b[2:0]
tt[2:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Red color intensity
r[2:0]
current, %
log=0
log=1
000
0×IMAX
0×IMAX
001
7%×IMAX
1%×IMAX
Bits
r[2:0]
010
14%×IMAX
2%×IMAX
7-5A
011
21%×IMAX
4%×IMAX
100
32%×IMAX
10%×IMAX
101
46%×IMAX
21%×IMAX
110
71%×IMAX
46%×IMAX
111
100%×IMAX
100%×IMAX
Green color intensity
g[2:0]
current, %
log=0
log=1
000
0×IMAX
0×IMAX
001
7%×IMAX
1%×IMAX
Bits
g[2:0]
010
14%×IMAX
2%×IMAX
4-2A
011
21%×IMAX
4%×IMAX
100
32%×IMAX
10%×IMAX
101
46%×IMAX
21%×IMAX
110
71%×IMAX
46%×IMAX
111
100%×IMAX
100%×IMAX
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com