Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 3 Page - Texas Instruments

  LP3952 Datasheet HTML 1Page - Texas Instruments LP3952 Datasheet HTML 2Page - Texas Instruments LP3952 Datasheet HTML 3Page - Texas Instruments LP3952 Datasheet HTML 4Page - Texas Instruments LP3952 Datasheet HTML 5Page - Texas Instruments LP3952 Datasheet HTML 6Page - Texas Instruments LP3952 Datasheet HTML 7Page - Texas Instruments LP3952 Datasheet HTML 8Page - Texas Instruments LP3952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
PIN DESCRIPTIONS (continued)
Name
Pin No.
Type
Description
GND
2E
Ground
Ground
ASE
2D
Input
Audio Synchronization Input
IRT
2C
Input
Oscillator Frequency Resistor
GNDT
2B
Ground
Ground
B2
2A
Output
Blue LED 2 Output
GND
1F
Ground
Ground
GND
1E
Ground
Ground
GNDA
1D
Ground
Ground for Analog Circuitry
VREF
1C
Output
Reference Voltage
VDDA
1B
Power
Internal LDO Output
VDD2
1A
Power
Supply Voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
V (SW, FB, R1-2, G1-2, B1-2) (4) (5)
-0.3V to +7.2V
VDD1, VDD2, VDDIO, VDDA
-0.3V to +6.0V
Voltage on ASE, IRT, IRGB, VREF
-0.3V to VDD1+0.3V with 6.0V max
Voltage on Logic Pins
-0.3V to VDDIO +0.3V with 6.0V max
V(all other pins): Voltage to GND
-0.3V to 6.0V
I (VREF)
10
μA
I(R1, G1, B1, R2, G2, B2)
100 mA
Continuous Power Dissipation (6)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Soldering) (7)
260°C
ESD Rating (8)
Human Body Model:
2 kV
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(4)
Battery/Charger voltage should be above 6V no more than 10% of the operational lifetime.
(5)
Voltage tolerance of LP3952 above 6.0V relies on fact that VDD1 and VDD2 (2.8V) are available (ON) at all conditions. If VDD1 and VDD2
are not available (ON) at all conditions, Texas Instruments does not guarantee any parameters or reliability for this device.
(6)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=160°C (typ.) and
disengages at TJ=140°C (typ.).
(7)
For detailed soldering specifications and information, please refer to Application Note AN1412 : DSBGA Wafer Level Chip Scale
Package
(8)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1) (2)
V (SW, FB, R1-2, G1-2, B1-2)
0 to 6.0V
VDD1,2 with external LDO
2.7 to 5.5V
VDD1,2 with internal LDO
3.0 to 5.5V
VDDA
2.7 to 2.9V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com