Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 1 Page - Texas Instruments

  LP3952 Datasheet HTML 1Page - Texas Instruments LP3952 Datasheet HTML 2Page - Texas Instruments LP3952 Datasheet HTML 3Page - Texas Instruments LP3952 Datasheet HTML 4Page - Texas Instruments LP3952 Datasheet HTML 5Page - Texas Instruments LP3952 Datasheet HTML 6Page - Texas Instruments LP3952 Datasheet HTML 7Page - Texas Instruments LP3952 Datasheet HTML 8Page - Texas Instruments LP3952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
LP3952 6-Channel Color LED Driver with Audio Synchronization
Check for Samples: LP3952
1
FEATURES
APPLICATIONS
2
•
Constant current and PWM controlled color
•
Cellular Phones
LED drivers
•
PDAs, MP3 players
•
Maximum current 40mA / output in constant
current mode, supports also switch mode
DESCRIPTION
control with 50 mA maximum current / output
LP3952 is a color LED driver for battery powered
handheld devices. It drives any color LEDs including
•
Complete audio synchronization for color/RGB
RGB LEDs, indicator LEDs and keypad backlight
LEDs with amplitude, frequency and speed
LEDs. The boost DC-DC converter drives high
optimization
current loads with high efficiency. The stand-alone
•
Command based lighting pattern generator for
command based RGB controller is feature rich and
RGB LEDs
easy to configure. Different lighting patterns and
blinking sequences can be programmed to driver
•
Programmable ON/OFF blinking sequences for
registers. Built-in audio synchronization feature allows
RGB1 outputs
user to synchronize the color LEDs to audio signal.
•
High efficiency Boost DC-DC converter with
LED lighting can be controlled either by audio signal
programmable VOUTand fSW
amplitude or frequency. There are many controls
•
I2C compatible interface
available for audio synchronization to get desired
lighting effect, including gain, speed, and different
•
Possibility for external PWM dimming control
filter settings. The flexible I2C interface allows easy
•
Small package – 36-bump DSBGA, 3.0 x 3.0 x
control
of
LP3952.
LED
outputs
can
be
also
0.65 mm
controlled with external PWM signal. Small DSBGA
package together with minimum number of external
components is a best fit for handheld devices.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
LP3952RL NSC-LP3952RL Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
LP3952RLX NSC-LP3952RLX Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
More results

Similar Description - LP3952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
Audio Synchronized Color LED Driver
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97674 INTERSIL-ISL97674_10 Datasheet
803Kb / 28P
6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
June 25, 2010
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
logo
Shanghai awinic technol...
AW2028H AWINIC-AW2028H Datasheet
1Mb / 39P
3 channel LED Driver with Audio Synchronization
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
6-Channel LED Driver
Sep 8, 2017
ISL97674 RENESAS-ISL97674 Datasheet
1Mb / 29P
6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
Sept 8, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com