Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 34 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 30Page - Texas Instruments LP3952 Datasheet HTML 31Page - Texas Instruments LP3952 Datasheet HTML 32Page - Texas Instruments LP3952 Datasheet HTML 33Page - Texas Instruments LP3952 Datasheet HTML 34Page - Texas Instruments LP3952 Datasheet HTML 35Page - Texas Instruments LP3952 Datasheet HTML 36Page - Texas Instruments LP3952 Datasheet HTML 37Page - Texas Instruments LP3952 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
R1/G1/B1 BLINK (01H, 03H, 05H) – BLINKING ON/OFF TIME CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
R1/G1/B1_ON[3:0]
R1/G1/B1_OFF[3:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
RGB1 ON and OFF time
Bits
ON/OFF time
0000
0%
0001
1%
0010
2.5%
0011
5%
0100
7.5%
0101
10%
R1_ON[3:0], R1_OFF[3:0]
0110
15%
G1_ON[3:0], G1_OFF[3:0]
Bits 7-4, 3-0
0111
20%
B1_ON[3:0], B1_OFF[3:0]
1000
30%
1001
40%
1010
50%
1011
60%
1100
70%
1101
80%
1110
90%
1111
100%
R1/G1/B1 CYCLE (02H, 04H, 06H) – BLINKING CYCLE CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
R1/G1/B1_CYCL
R1/G1/B1_CYCLE[2:0]
E_EN
r-0
r-0
r-0
r-0
rw-0
rw-0
rw-0
rw-0
R1_CYCLE_EN
Bit 3
Blinking enable
G1_CYCLE_EN
0 = disabled, output state is defined with RGB registers
B1_CYCLE_EN
1 = enabled, output state is defined with blinking cycle
R1_CYCLE[2:0]
Bits 2-0
RGB1 cycle time
G1_CYCLE[2:0]
Bits
Blinking cycle time
Blinking frequency
B1_CYCLE[2:0]
000
0.1s
10 Hz
001
0.25s
4 Hz
010
0.5s
2 Hz
011
1s
1 Hz
100
2s
0.5 Hz
101
3s
0.33 Hz
110
4s
0.25 Hz
111
5s
0.2 Hz
34
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com