Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 4 Page - Texas Instruments

  LP3952 Datasheet HTML 1Page - Texas Instruments LP3952 Datasheet HTML 2Page - Texas Instruments LP3952 Datasheet HTML 3Page - Texas Instruments LP3952 Datasheet HTML 4Page - Texas Instruments LP3952 Datasheet HTML 5Page - Texas Instruments LP3952 Datasheet HTML 6Page - Texas Instruments LP3952 Datasheet HTML 7Page - Texas Instruments LP3952 Datasheet HTML 8Page - Texas Instruments LP3952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Operating Ratings
(1) (2) (continued)
VDDIO
1.65V to VDD1
Voltage on ASE
0.1V to VDDA –0.1V
Recommended Load Current
0 to 300 mA
Junction Temperature (TJ) Range
-30°C to +125°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance(
θJA), YPG0036AAA Package
(1)
60°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range (-
30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP3952 Block Diagram with: VDD1 = VDD2 = 3.6V,
VDDIO = 2.8V, CVDD = CVDDIO = 100 nF, COUT = CIN = 10 μF, CVDDA = 1 μF, CREF = 100 nF, L1 = 4.7 μH, RRGB = 5.6 kΩ and RRT
= 82 k
Ω
(3).
Parameter
Test Conditions
Min
Typ
Max
Units
IVDD
Standby supply current
NSTBY (bit) = L, NRST (pin) = H
1
8
μA
(VDD1 + VDD2)
SCL=H, SDA = H
No-boost supply current
NSTBY (bit) = H,
450
μA
(VDD1 + VDD2)
EN_BOOST(bit) = L
SCL = H, SDA = H
Audio sync and LEDs OFF
No-load supply current
NSTBY (bit) = H,
1
mA
(VDD1 + VDD2)
EN_BOOST (bit) = H
SCL = H, SDA = H
Audio sync and LEDs OFF
Autoload OFF
RGB drivers
CC mode at R1, G1, B1 and R2, G2, B2 set to 15 mA
150
μA
(VDD1 + VDD2)
SW mode
150
IVDD
Audio synchronization
Audio sync ON
(VDD1 + VDD2)
VDD1,2 = 2.8V
390
μA
VDD1,2 = 3.6V
700
IVDDIO
VDDIO Standby Supply
NSTBY (bit)=L
1
μA
current
SCL = H, SDA = H
IEXT_LDO
External LDO output
7V tolerant application only
6.5
mA
current
IBOOST = 300 mA
(VDD1, VDD2, VDDA)
VDDA
Output voltage of internal
(4)
2.72
2.80
2.88
V
LDO for analog parts
-3
+3
%
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
VDDA output is not recommended for external use.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com