Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 12Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 13Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 14Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 15Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 16Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 17Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 18Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 19Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
PWM_RES[1:0]
00
01
10
11
PWM_FREQ[4:0]
5 MHz
10 MHz
20 MHz
40 MHz
Resolution (bits)
01101
3155
6311
12621
-
10
01100
3005
6010
12020
-
10
01011
2855
5710
11419
-
10
01010
2705
5409
10818
-
10
01001
2554
5109
10217
-
10
01000
2404
4808
9616
19232
11
00111
2179
4357
8715
17429
11
00110
1953
3907
7813
15626
11
00101
1728
3456
6912
13823
11
00100
1503
3005
6010
12020
11
00011
1202
2404
4808
9616
12
00010
1052
2104
4207
8414
12
00001
826
1653
3306
6611
12
00000
601
1202
2404
4808
13
RFSET resistance values with corresponding PWM frequencies:
PWM_RES[1
00
01
10
11
:0]
RFSET (k
Ω)
5 MHz Clock
Resolution
10 MHz
Resolution
20 MHz
Resolution
40 MHz
Resolution
Clock
Clock
Clock
10...15
19232
8
19232
9
19232
10
19232
11
26...29
16828
8
15927
9
16227
10
17429
11
36...41
14424
8
12771
9
14424
10
15626
11
50...60
12020
8
9616
10
12020
10
12020
11
85...100
9616
9
8715
10
9616
11
9616
12
135...150
7963
9
7813
10
7813
11
8414
12
200...300
6386
9
6311
10
6010
11
6811
12
450...
4808
10
4808
11
4808
12
4808
13
Phase Shift PWM Scheme
Phase shift PWM scheme allows delaying the time when each LED output is active. When the LED output are
not activated simultaneously, the peak load current from the boost output is greatly decreased. This reduces the
ripple seen on the boost output and allows smaller output capacitors. Reduced ripple also reduces the output
ceramic capacitor audible ringing. PSPWM scheme also increases the load frequency seen on boost output by
x4 and therefore transfers the possible audible noise to so high frequency that human ear cannot hear it.
Description of the PSPWM mode is seen on the following diagram. PSPWM mode is enabled by setting
<EN_PSPWM> EEPROM bit to 1. Shift time is the delay between outputs and it is defined as 1 / (fPWM x 4). If the
<EN_PSPWM> bit is 0, then the delay is 0 and all outputs are active simultaneously.
16
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com