Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 23Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 24Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 25Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 26Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 27Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 28Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ISAT >
x
(VOUT ± VIN)
VOUT
VIN
Where D =
Where IRIPPLE =
(2 x L x f)
DQG'¶= (1 - D)
(VOUT ± VIN)
(VOUT)
+ IRIPPLE
IOUTMAX
'¶
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Recommended External Components
Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. Shielded inductors radiate less noise and should be
preferred.
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current.
The equation below shows the worst case conditions.
•
IRIPPLE: Average to peak inductor current
•
IOUTMAX: Maximum load current
•
VIN: Maximum input voltage in application
•
L: Min inductor value including worst case tolerances
•
f: Minimum switching frequency
•
D: Duty cycle for CCM Operation
•
VOUT: Output voltage
(3)
Example using above equations:
•
VIN = 12V
•
VOUT = 38V
•
IOUT = 400 mA
•
L = 15
μH − 20% = 12 μH
•
f = 1.25 MHz
•
ISAT = 1.6A
As a result the inductor should be selected according to the ISAT. A more conservative and recommended
approach is to choose an inductor that has a saturation current rating greater than the maximum current limit of
2.5A. A 15
μH inductor with a saturation current rating of 2.5A is recommended for most applications. The
inductor’s resistance should be less than 300 m
Ω for good efficiency. For high efficiency choose an inductor with
high frequency core material such as ferrite to reduce core losses. To minimize radiated noise, use shielded core
inductor. Inductor should be placed as close to the SW pin and the IC as possible. Special care should be used
when designing the PCB layout to minimize radiated noise and to get good performance from the boost
converter. For more information on the PCB layout recommendations, please refer to LP8553 PCB layout guide.
Output Capacitor
A ceramic capacitor with 50V voltage rating or higher is recommended for the output capacitor. The DC-bias
effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance value
selection. For light loads a 4.7
μF capacitor is sufficient. Effectively the capacitance should be 4 μF for < 150 mA
loads. For maximum output voltage/current 10
μF capacitor (or two 4.7 μF capacitors) is recommended to
minimize the output ripple.
LDO Capacitor
A 1
μF ceramic capacitor with 10V voltage rating is recommended for the LDO capacitor.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com