Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 6Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 7Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 11Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 12Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 13Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
0 10 20 30 40 50 60 70 80 90 100
0
100
200
300
400
500
PWM INPUT (%)
PWM
PWM AND CURR 25% MODE
PWM AND CURR 50% MODE
0
10 20 30 40 50 60 70 80 90 100
-5
0
5
10
15
20
25
30
35
PWM INPUT (%)
25% MODE
50% MODE
0 10 20 30 40 50 60 70 80 90 100
60
70
80
90
100
110
120
130
140
PWM INPUT (%)
15 inch panel, 23 mA current
PWM AND CURR 25% MODE
PWM AND CURR 50% MODE
PWM
0
100
200
300
400
500
0
1
2
3
4
5
6
LUMINANCE (Nits)
PWM
PWM AND CURRENT 25% MODE
PWM AND CURRENT 50% MODE
15 inch panel, 23 mA current
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VBATT = 12.0V, CVLDO = 1 μF, L1 = 33 μH, CIN = 10 μF, COUT = 10 μF
Typical Waveforms, fLED = 9.6 kHz
Boost Line Transient Response
Figure 9.
Figure 10.
Input Power
vs.
Optical Efficiency with 15" panel
Luminance
Figure 11.
Figure 12.
Luminance
vs.
Power saved with PWM & current mode compared to PWM
PWM Input
mode
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com