Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 7Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 11Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 12Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 13Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 14Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
EN = L (VLDO low)
or POR = H
EN_BOOST = 1*
TSD = H
~2 ms Delay
BOOST STARTUP
EN = H (pin) and BL_CTL = 1
or PWM = H (pin)
BL_CTL = 0 and
PWM = L
EN_BOOST = 0*
~4 ms Delay
NORMAL MODE
EN_BOOST
rising edge*
*) TSD = L
VREF = 95% OK*
EN = H (pin)
VLDO ok
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
MODES OF OPERATION
RESET: In the RESET mode all the internal registers are reset to the default values. Reset is entered always
when VLDO voltage is low. EN pin is enable for the internal LDO. Power On Reset (POR) will activate
during the chip startup or when the supply voltage VLDO fall below POR level. Once VLDO rises above
POR level, POR will inactivate and the chip will continue to the STANDBY mode.
STANDBY: The STANDBY mode is entered if the register bit BL_CTL is LOW and external PWM input is not
active and POR is not active. This is the low power consumption mode, when only internal 5V LDO is
enabled. Registers can be written in this mode and the control bits are effective immediately after start up.
STARTUP: When BL_CTL bit is written high or PWM signal is high, the INTERNAL STARTUP SEQUENCE
powers up all the needed internal blocks (VREF, Bias, Oscillator etc.). Internal EPROM and EEPROM are
read in this mode. To ensure the correct oscillator initialization etc, a 2 ms delay is generated by the
internal state-machine. If the chip temperature rises too high, the Thermal Shutdown (TSD) disables the
chip operation and STARTUP mode is entered until no thermal shutdown event is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is
raised in low current PWM mode during the 4 ms delay generated by the state-machine. All LED outputs
are off during the 4 ms delay to ensure smooth startup. The Boost startup is entered from Internal Startup
Sequence if EN_BOOST is HIGH.
NORMAL: During NORMAL mode the user controls the chip using the external PWM input or with Control
Registers through I2C. The registers can be written in any sequence and any number of bits can be
altered in a register in one write.
Functional Overview
LP8553 is a high-voltage LED driver for medium sized LCD backlight applications. It includes high-voltage boost
converter. Boost voltage automatically sets to the correct level needed to drive the LED strings. This is done by
monitoring LED output voltage drop in real time.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com