Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 28Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 29Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 30Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 31Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 32Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 33Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 34Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 35Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
EEPROM Address 2
Address A2h
EEPROM ADDRESS 2 register
7
6
5
4
3
2
1
0
ADAPTIVE_SPEED[1:0]
ADV_SLOPE
MODE_25/50_S
EN_ADAPT
EN_BOOST
BOOST_IMAX
I_SLOPE[1]
EL
Name
Bit
Access
Description
ADAPTIVE
7
R/W
Boost converter adaptive control speed adjustment
SPEED[1]
0 = Normal mode
1 = Adaptive mode optimized for light loads. Activating this helps the voltage droop with
light loads during boost / backlight startup.
ADAPTIVE
6
R/W
Boost converter adaptive control speed adjustment
SPEED[0]
0 = Adjust boost once for each phase shift cycle or normal PWM cycle
1 = Adjust boost every 16th phase shift cycle or normal PWM cycle
ADV_SLOPE
5
R/W
Advanced slope
0 = Advanced slope is disabled
1 = Use advanced slope for brightness change to make brightness changes smooth for
eye
MODE_25/50_SEL
4
R/W
25% or 50% mode selection for PWM & current control
0 = 50% mode selected
1 = 25% mode selected
EN_ADAPT
3
R/W
Enable boost converter adaptive mode
0 = adaptive mode disabled, boost converter output voltage is set with VBOOST
EEPROM register bits
1 = adaptive mode enabled. Boost converter startup voltage is set with VBOOST
EEPROM register bits, and after startup voltage is reached the boost converter will
adapt to the highest LED string VF. LED driver output headroom is set with
DRV_HEADR EEPROM control bits.
EN_BOOST
2
R/W
Enable boost converter
0 = boost is disabled
1 = boost is enabled and will turn on automatically when backlight is enabled
BOOST_IMAX
1
R/W
Boost converter inductor maximum current
0 = 1.4A
1 = 2.5A (recommended)
I_SLOPE[1]
0
R/W
Current slope I_SLOPE[1:0] trim bits adjust the constant current level of the PWM
control range in the PWM & current control mode
I_SLOPE[1:0]
25% MODE
50% MODE
00
−2.5%
−1.25%
01
−5.0%
−2.50%
10
−7.5%
−3.75%
11
−10.0%
−5.00%
EEPROM Address 3
Address A3h
EEPROM ADDRESS 3 register
7
6
5
4
3
2
1
0
UVLO[1:0]
EN_PSPWM
PWM_FREQ[4:0]
Name
Bit
Access
Description
32
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com