Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 19Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 20Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 23Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 24Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 25Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 26Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ADR6
Bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
x
x
x
I
2
C SLAVE address (chip address)
x
x
x
x
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
The master generates the acknowledge clock pulse on the ninth clock pulse of the byte transfer. The transmitter
releases the SDA line (permits it to go high) to allow the receiver to send the acknowledge signal. The receiver
must pull down the SDA line during the acknowledge clock pulse and ensure that SDA remains low during the
high period of the clock pulse, thus signaling the correct reception of the last data byte and its readiness to
receive the next byte.
“Acknowledge After Every Byte” Rule
The master generates an acknowledge clock pulse after each byte transfer. The receiver sends an acknowledge
signal after every byte received.
There is one exception to the “acknowledge after every byte” rule. When the master is the receiver, it must
indicate to the transmitter an end of data by not-acknowledging (“negative acknowledge”) the last byte clocked
out of the slave. This “negative acknowledge” still includes the acknowledge clock pulse (generated by the
master), but the SDA line is not pulled down.
Addressing Transfer Formats
Each device on the bus has a unique slave address. The LP8553 operates as a slave device with 7-bit address
combined with data direction bit. Slave address is 2Ch as 7-bit or 58h for write and 59h for read in 8-bit format.
Before any data is transmitted, the master transmits the address of the slave being addressed. The slave device
should send an acknowledge signal on the SDA line, once it recognizes its address.
The slave address is the first seven bits after a Start Condition. The direction of the data transfer (R/W) depends
on the bit sent after the slave address — the eighth bit.
When the slave address is sent, each device in the system compares this slave address with its own. If there is a
match, the device considers itself addressed and sends an acknowledge signal. Depending upon the state of the
R/W bit (1:read, 0:write), the device acts as a transmitter or a receiver.
Figure 24. I2C Chip Address
Control Register Write Cycle
•
Master device generates start condition.
•
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
•
Slave device sends acknowledge signal if the slave address is correct.
•
Master sends control register address (8 bits).
•
Slave sends acknowledge signal.
•
Master sends data byte to be written to the addressed register.
•
Slave sends acknowledge signal.
•
If master will send further data bytes the control register address will be incremented by one after
acknowledge signal.
•
Write cycle ends when the master creates stop condition.
Control Register Read Cycle
•
Master device generates a start condition.
•
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
•
Slave device sends acknowledge signal if the slave address is correct.
•
Master sends control register address (8 bits).
•
Slave sends acknowledge signal.
•
Master device generates repeated start condition.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com