Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLE/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLE/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLE/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8553TLE/NOPB Datasheet HTML 17Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 18Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 19Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 20Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 23Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 24Page - Texas Instruments LP8553TLE/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Over-Current Protection
LP8553 has detection for too-high loading on the boost converter. When over-current fault is detected, the
LP8553 will shut down.
Fault is cleared by setting EN pin low or by reading the fault register.
Device Thermal Regulation
LP8553 has an internal temperature sensor which can be used to measure the junction temperature of the
device and protect the device from overheating. During thermal regulation, LED PWM is reduced by 2% of full
scale per °C whenever the temperature threshold is reached. Temperature regulation is enabled automatically
when chip is enabled. 11-bit temperature value can be read from Temp MSB and Temp LSB registers, MSB
should be read first. Temperature limit can be programmed in EEPROM as shown in the following table.
Thermal regulation function does not generate fault signal.
TEMP_LIM[1:0]
Over-Temp Limit (°C)
00
OFF
01
110
10
120
11
130
Thermal Shutdown
If the LP8553 reaches thermal shutdown temperature (150°C ) the LED outputs and boost will shut down to
protect it from damage. Also the fault pin will be pulled down to indicate the fault state. Device will activate again
when temperature drops below 130°C degrees.
Fault is cleared by setting EN pin low or by reading the fault register.
I
2C-Compatible Serial Bus Interface
Interface Bus Overview
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bidirectional communications between the IC's connected
to the bus. The two interface lines are the Serial Data Line (SDA) and the Serial Clock Line (SCLK). These lines
should be connected to a positive supply, via a pull-up resistor and remain HIGH even when the bus is idle.
Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending on
whether it generates or receives the SCLK. The LP8553 is always a slave device.
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
SCLK. Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the
SDA line during the high state of the SCLK and in the middle of a transaction, aborts the current transaction.
New data should be sent during the low SCLK state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com