Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 9 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 9 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 5Page - AMIC Technology A25QBO080QL Datasheet HTML 6Page - AMIC Technology A25QBO080QL Datasheet HTML 7Page - AMIC Technology A25QBO080QL Datasheet HTML 8Page - AMIC Technology A25QBO080QL Datasheet HTML 9Page - AMIC Technology A25QBO080QL Datasheet HTML 10Page - AMIC Technology A25QBO080QL Datasheet HTML 11Page - AMIC Technology A25QBO080QL Datasheet HTML 12Page - AMIC Technology A25QBO080QL Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
8
AMIC Technology Corp.
Table 1-2. Protected Area Sizes (CMP=1)
A25LQ080
Status Register Content
(8M-Bit) Memory Protection
SEC
TB
BP2
BP1
BP0
Block(s)
Addresses
Density(Byte)
Portion
X
X
0
0
0
0 – 15
000000h – FFFFFh
1MB
ALL
0
0
0
0
1
0 – 14
000000h – EFFFFh
960KB
Lower 15/16
0
0
0
1
0
0 – 13
000000h – DFFFFh
896KB
Lower 7/8
0
0
0
1
1
0 – 11
000000h – BFFFFh
768KB
Lower 3/4
0
0
1
0
0
0 – 7
000000h – 7FFFFh
512KB
Lower 1/2
0
0
1
0
1
0 – 7
000000h – 7FFFFh
512KB
Lower 1/2
0
0
1
1
0
0 – 7
000000h – 7FFFFh
512KB
Lower 1/2
0
0
1
1
1
None
None
None
None
0
1
0
0
1
1 – 15
010000h – FFFFFh
960KB
Upper 15/16
0
1
0
1
0
2 – 15
020000h – FFFFFh
896KB
Upper 7/8
0
1
0
1
1
4 – 15
040000h – FFFFFh
768KB
Upper 3/4
0
1
1
0
0
8 – 15
080000h – FFFFFh
512KB
Lower 1/2
0
1
1
0
1
8 – 15
080000h – FFFFFh
512KB
Lower 1/2
0
1
1
1
0
8 – 15
080000h – FFFFFh
512KB
Lower 1/2
0
1
1
1
1
None
None
None
None
1
0
0
0
1
0 – 15
000000h – FEFFFh
1020KB
Lower 255/256
1
0
0
1
0
0 – 15
000000h – FDFFFh
1016KB
Lower 127/128
1
0
0
1
1
0 – 15
000000h – FBFFFh
1008KB
Lower 63/64
1
0
1
1
0
0 – 15
000000h – F7FFFh
992KB
Lower 31/32
1
0
1
1
1
None
None
None
None
1
1
0
0
1
0 – 15
001000h – FFFFFh
1020KB
Upper 255/256
1
1
0
1
0
0 – 15
002000h – FFFFFh
1016KB
Upper 127/128
1
1
0
1
1
0 – 15
004000h – FFFFFh
1008KB
Upper 63/64
1
1
1
1
0
0 – 15
008000h – FFFFFh
992KB
Upper 31/32
1
1
1
1
1
None
None
None
None
Note:
1.
X = don’t care
2.
If any Erase or Program command specifies a memory region that contains protected data portion, this command will be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com