Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 38 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 38 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 34Page - AMIC Technology A25QBO080QL Datasheet HTML 35Page - AMIC Technology A25QBO080QL Datasheet HTML 36Page - AMIC Technology A25QBO080QL Datasheet HTML 37Page - AMIC Technology A25QBO080QL Datasheet HTML 38Page - AMIC Technology A25QBO080QL Datasheet HTML 39Page - AMIC Technology A25QBO080QL Datasheet HTML 40Page - AMIC Technology A25QBO080QL Datasheet HTML 41Page - AMIC Technology A25QBO080QL Datasheet HTML 42Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
37
AMIC Technology Corp.
High Performance Mode (A3h)
The High Performance Mode (HPM) instruction can be
executed prior to Dual or Quad I/O instructions if chip is
operated at high frequencies. This instruction allows
pre-charging of internal charge pumps so the voltages
required for accessing the Flash memory array are readily
available. The instruction sequence includes the A3h
instruction code followed by three dummy byte clocks shown
in Fig.28. After the HPM instruction is executed, the device
will maintain a slightly higher standby current than standard
SPI operation. The Release from Power-down (ABh) can be
used to return to standard SPI standby current (ICC1). In
addition, Write Enable instruction (06h) and Power Down
instruction (B9h) will also release the device from HPM mode
back to standard SPI standby state.
Figure 27. High Performance Mode Instruction Sequence
Instruction (A3)
MSB
810
9
01 2 3 4 5 6 7
3 Dummy Bytes
28 29 30 31
23 22 21
3 21 00
S
C
tRES2
High Performance
Current
DI
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com