Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 22 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 22 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 18Page - AMIC Technology A25QBO080QL Datasheet HTML 19Page - AMIC Technology A25QBO080QL Datasheet HTML 20Page - AMIC Technology A25QBO080QL Datasheet HTML 21Page - AMIC Technology A25QBO080QL Datasheet HTML 22Page - AMIC Technology A25QBO080QL Datasheet HTML 23Page - AMIC Technology A25QBO080QL Datasheet HTML 24Page - AMIC Technology A25QBO080QL Datasheet HTML 25Page - AMIC Technology A25QBO080QL Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
21
AMIC Technology Corp.
Read Data Bytes at Higher Speed by Quad Output (FAST_READ_QUAD_OUTPUT)
The FAST_READ_QUAD_OUTPUT (6Bh) instruction is
similar to the FAST_READ (0Bh) instruction except the data
is output on four pins (IO0, IO1, IO2, IO3), instead of just DO.
This allows data to be transferred from the A25LQ080 at
quadruple the rate of standard SPI devices.
Similar
to
the
FAST_READ
instruction,
the
FAST_READ_QUAD_OUTPUT instruction can operate at
the highest possible frequency of fC (See AC Characteristics).
This is accomplished by adding eight “dummy” clocks after
the 24-bit address as shown in figure 11. The dummy clocks
allow the device’s internal circuits additional time for setting
up the initial address. The input data during the dummy
clocks is “don’t care”. However, the IO pins should be
high-impedance prior to the falling edge of the first data out
clock.
Figure 11. FAST_READ_QUAD_OUTPUT Instruction Sequence and Data-Out Sequence
Instruction (6Bh)
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
5
0
S
C
IO0
S
C
32 33 34 35 36 37 38 39
65 4
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
1
5 1 51 51 5
4 0 4 0 4 0 4 0
IO switches from input to output
IO1,2,3
IO0
IO1
6
2
6 2 62 62 6
IO2
7
3
7 3 73 73 7
Data Out 1Data Out 2Data Out 3Data Out 4
IO3
4
Note: Address bits A23 to A20 are Don’t Care, for A25LQ080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com