Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 53 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 53 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 49Page - AMIC Technology A25QBO080QL Datasheet HTML 50Page - AMIC Technology A25QBO080QL Datasheet HTML 51Page - AMIC Technology A25QBO080QL Datasheet HTML 52Page - AMIC Technology A25QBO080QL Datasheet HTML 53Page - AMIC Technology A25QBO080QL Datasheet HTML 54Page - AMIC Technology A25QBO080QL Datasheet HTML 55Page - AMIC Technology A25QBO080QL Datasheet HTML 56Page - AMIC Technology A25QBO080QL Datasheet HTML 57Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
52
AMIC Technology Corp.
Part Numbering Scheme
A25 XX
Package Type
Blank = DIP 8
M = 209 mil SOP 8
O = 150 mil SOP 8
Q4 = WSON 8 (6*5mm)
Device Voltage
L = 2.7-3.6V
Device Type
A25 = AMIC Serial Flash
Device Density
080 = 8 Mbit (4KB uniform sectors)
X
Package Material
Blank: normal
F: PB free
X X
X
Quad SPI Operation
Q = Support Quad SPI Operation
Blank = Do not support Quad SPI Operation
/ X
Packing
Blank: for DIP8
G: for SOP8 In Tube
Q: for Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com