Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 40 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 40 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 36Page - AMIC Technology A25QBO080QL Datasheet HTML 37Page - AMIC Technology A25QBO080QL Datasheet HTML 38Page - AMIC Technology A25QBO080QL Datasheet HTML 39Page - AMIC Technology A25QBO080QL Datasheet HTML 40Page - AMIC Technology A25QBO080QL Datasheet HTML 41Page - AMIC Technology A25QBO080QL Datasheet HTML 42Page - AMIC Technology A25QBO080QL Datasheet HTML 43Page - AMIC Technology A25QBO080QL Datasheet HTML 44Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
39
AMIC Technology Corp.
Program / Erase Resume
The Resume instruction must be written to resume the Sector
or Block Erase operation or the Page Program operation
after a Program/Erase Suspend. The Resume instruction will
be accepted by the device only if the SUS bit in the Status
Register equals to 1 and the WIP bit equals to 0. After issued
the SUS bit will be cleared from 1 to 0 immediately, the WIP
bit will be set from 0 to 1 within 200ns and the Sector or
Block will complete the erase operation or the page will
complete the program operation. If the SUS bit equals to 0 or
the WIP bit equals to 1, the Resume instruction will be
ignored by the device. The Resume instruction sequence is
shown in figure 30.
Resume instruction is ignored if the previous Program/Erase
Suspend operation was interrupted by unexpected power off.
It is also required that a subsequent Program/Erase Suspend
instruction not to be issued within a minimum of time of “tSUS”
following a previous Resume instruction.
Figure 29. Resume Instruction Sequence
S
C
DIO
1 2 3 45 6 7
0
Instruction (7Ah or 30h)
Resume Sector or Block Erase
High Impedance
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com