Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 36 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 36 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 32Page - AMIC Technology A25QBO080QL Datasheet HTML 33Page - AMIC Technology A25QBO080QL Datasheet HTML 34Page - AMIC Technology A25QBO080QL Datasheet HTML 35Page - AMIC Technology A25QBO080QL Datasheet HTML 36Page - AMIC Technology A25QBO080QL Datasheet HTML 37Page - AMIC Technology A25QBO080QL Datasheet HTML 38Page - AMIC Technology A25QBO080QL Datasheet HTML 39Page - AMIC Technology A25QBO080QL Datasheet HTML 40Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
35
AMIC Technology Corp.
Release from Deep Power-down and Read Electronic Signature (RES)
Once the device has entered the Deep Power-down mode,
all instructions are ignored except the Release from Deep
Power-down
and
Read
Electronic
Signature
(RES)
instruction. Executing this instruction takes the device out of
the Deep Power-down mode.
The instruction can also be used to read, on Serial Data
Output (DO), the 8-bit Electronic Signature, whose value for
A25LQ080 is 13h.
Except while an Erase, Program or Write Status Register
cycle is in progress, the Release from Deep Power-down and
Read Electronic Signature (RES) instruction always provides
access to the 8-bit Electronic Signature of the device, and
can be applied even if the Deep Power-down mode has not
been entered.
Any Release from Deep Power-down and Read Electronic
Signature (RES) instruction while an Erase, Program or Write
Status Register cycle is in progress, is not decoded, and has
no effect on the cycle that is in progress.
The device is first selected by driving Chip Select ( S ) Low.
The instruction code is followed by 3 dummy bytes, each bit
being latched-in on Serial Data Input (DI) during the rising
edge of Serial Clock (C). Then, the 8-bit Electronic Signature,
stored in the memory, is shifted out on Serial Data Output
(DO), each bit being shifted out during the falling edge of
Serial Clock (C).
The instruction sequence is shown in Figure 25.
The Release from Deep Power-down and Read Electronic
Signature (RES) instruction is terminated by driving Chip
Select ( S ) High after the Electronic Signature has been read
at least once. Sending additional clock cycles on Serial Clock
(C), while Chip Select ( S ) is driven Low, cause the
Electronic Signature to be output repeatedly.
When Chip Select ( S ) is driven High, the device is put in the
Stand-by Power mode. If the device was not previously in the
Deep Power-down mode, the transition to the Stand-by
Power mode is immediate. If the device was previously in the
Deep Power-down mode, though, the transition to the Stand-
by Power mode is delayed by tRES2, and Chip Select ( S )
must remain High for at least tRES2 (max), as specified in AC
Characteristics Table . Once in the Stand-by Power mode,
the device waits to be selected, so that it can receive, decode
and execute instructions.
Figure 25. Release from Deep Power-down and Read Electronic Signature (RES) Instruction Sequence and
Data-Out Sequence
S
C
DI
DO
Instruction (ABh)
High Impedance
MSB
MSB
810
9
01 2 3 4 5 6 7
3 Dummy Bytes
28 29 30 31 32 33 34 35 36 37 38
23 22 21
3 21 0
6 54 32 10
7
t
RES2
Stand-by Mode
Deep Power-down Mode
Note: The value of the 8-bit Electronic Signature, for A25LQ080 is 13h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com