Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBO080QL Datasheet(PDF) 45 Page - AMIC Technology

Part # A25QBO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBO080QL Datasheet(HTML) 45 Page - AMIC Technology

Back Button A25QBO080QL Datasheet HTML 41Page - AMIC Technology A25QBO080QL Datasheet HTML 42Page - AMIC Technology A25QBO080QL Datasheet HTML 43Page - AMIC Technology A25QBO080QL Datasheet HTML 44Page - AMIC Technology A25QBO080QL Datasheet HTML 45Page - AMIC Technology A25QBO080QL Datasheet HTML 46Page - AMIC Technology A25QBO080QL Datasheet HTML 47Page - AMIC Technology A25QBO080QL Datasheet HTML 48Page - AMIC Technology A25QBO080QL Datasheet HTML 49Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
44
AMIC Technology Corp.
Parameter ID (0) (Continued)
Description
Address(h)
(Byte Mode)
Address (Bit)
Data
Comment
Supports (2-2-2) Fast Read
0
0
not supported
Reserved
03:01
7h
Supports (4-4-4) Fast Read
04
0
not supported
Reserved
20h
07:05
7h
Reserved
23h to 21h
31:08
FFFFFFh
Reserved
25h to 24h
15:0
FFFFh
(2-2-2) Fast Read Number of Wait States
20:16
00000
(2-2-2) Fast Read Number of Mode Bits
26h
23:21
000
(2-2-2) Fast Read Opcode
27h
31:24
00h
not supported
Reserved
29h to 28h
15:0
FFFFh
(4-4-4) Fast Read Number of Wait States
20:16
00000
(4-4-4) Fast Read Number of Mode Bits
2Ah
23:21
000
(4-4-4) Fast Read Opcode
2Bh
31:24
00h
not supported
Sector Type 1 Size (4KB)
2Ch
07:00
0Ch
Sector Type 1 Opcode
2Dh
15:08
20h
Sector Type 2 Size (32KB)
2Eh
23:16
00h
Sector Type 2 Opcode
2Fh
31:24
00h
not supported
Sector Type 3 Size (64KB)
30h
07:00
10h
Sector Type 3 Opcode
31h
15:08
D8h
Sector Type 4 Size (256KB)
32h
23:16
00h
Sector Type 4 Opcode
33h
31:24
00h
not supported
Notes:
1. Data stored in Byte Address 34h to 3Fh are Reserved, the value is FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com