Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5394 Datasheet HTML 2Page - Cirrus Logic CS5394 Datasheet HTML 3Page - Cirrus Logic CS5394 Datasheet HTML 4Page - Cirrus Logic CS5394 Datasheet HTML 5Page - Cirrus Logic CS5394 Datasheet HTML 6Page - Cirrus Logic CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic CS5394 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS5394
6
DS258PP4
SWITCHING CHARACTERISTICS (T
A = -10 to 70 °C; VA = VL = VD = 5 V ±5%; Inputs: Logic 0 = 0 V,
Logic 1 = VA = VL = VD; CL = 20 pF)
Notes: 7.
8.
9.
Parameter
Symbol
Min
Typ
Max
Unit
Output Sample Rate
Fs
2-
50
kHz
MCLK Period
tclkw
78
-
1950
ns
MCLK Low
tclkl
26
-
-
ns
MCLK High
tclkh
26
-
-
ns
MCLK Fall Time
-
-
12
ns
Master Mode
SCLK falling to LRCK
tmslr
-20
-
+20
ns
SCLK falling to SDATA valid
tsdo
--
20
ns
SCLK Duty Cycle
-
50
-
%
Slave Mode
LRCK Period
1/Fs
20
-
500
µs
LRCK Duty Cycle
TBD
50
TBD
%
SCLK Period
tsclkw
(Note 7)
-
-
ns
SCLK Pulse Width Low
tsclkl
(Note 8)
-
-
ns
SCLK Pulse Width High
tsclkh
60
-
-
ns
SCLK falling to SDATA valid
tdss
-
-
(Note 9)
ns
LRCK edge to MSB valid
tlrdss
-
-
(Note 9)
ns
SCLK rising to LRCK edge delay
tslr1
(Note 9)
-
-
ns
LRCK edge to rising SCLK setup time
tslr2
(Note 9)
-
-
ns
1
128 F
s
------------------
1
256 F
s
------------------
1
512 F
s
------------------
20
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com