Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5394 Datasheet HTML 1Page - Cirrus Logic CS5394 Datasheet HTML 2Page - Cirrus Logic CS5394 Datasheet HTML 3Page - Cirrus Logic CS5394 Datasheet HTML 4Page - Cirrus Logic CS5394 Datasheet HTML 5Page - Cirrus Logic CS5394 Datasheet HTML 6Page - Cirrus Logic CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5394
117 dB, 48 kHz Audio A/D Converter
Features
l 24-Bit Conversion
l Complete CMOS Stereo A/D System
— Delta-Sigma A/D Converters
— Digital Anti-Alias Filtering
— S/H Circuitry and Voltage Reference
l Adjustable System Sampling Rates
— including 32 kHz, 44.1 kHz and 48 kHz
l 117 dB Dynamic Range (A-Weighted)
l -103 dB THD + N
l Differential Analog Circuitry
l Internal 64× Oversampling
l Linear Phase Digital Anti-Alias Filtering
— with >117 dB Stopband Attenuation
l Single +5 V Power Supply
l Power Down Mode
Description
The CS5394 is a complete analog-to-digital converter for
stereo digital audio systems. It performs sampling, ana-
log-to-digital
conversion
and
anti-alias
filtering,
generating 24-bit values for both left and right inputs in
serial form. The output sample rate can be up to 50 kHz
per channel.
The CS5394 uses 7th-order, delta-sigma modulation
with 64
× oversampling followed by digital filtering and
decimation, which removes the need for an external anti-
alias filter. The ADC uses a differential architecture
which provides excellent noise rejection.
The CS5394 has a linear phase filter with passband of dc
to 22.1 kHz, ± 0.005 dB passband ripple and >117 dB
stopband rejection.
The CS5394 is targeted for the highest performance pro-
fessional audio systems requiring wide dynamic range,
negligible distortion and low noise.
ORDERING INFORMATION
CS5394-KS
-10° to 70° C
28-pin SOIC
CDB5394
Evaluation Board
I
Voltage Reference
Serial Output Interface
Digital
Filter
High
Pass
Filter
High
Pass
Filter
Decimation
Digital
Filter
Decimation
LP Filter
DAC
-
+
-
+
S/H
LP Filter
DAC
-
+
-
+
S/H
AINR+
VA
SCLK
SDATA MCLKD
PDN
14
16
20
19
24
27
VCOM
2
MCLKA
7
LRCK
13
ADCTL
6
LGND
22
TSTO1
8
AINR-
26
Comparator
Comparator
AINL+ 4
AINL- 5
VREF
1
DFS
18
S/M
17
AGND
3
AGND
25
AGND
28
23
VL
TSTO2
21
VD
11
DGND
12
Calibration
Microcontroller
CAL
10
DACTL
9
DGND
15
MAY ‘98
DS258PP4


Similar Part No. - CS5394

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5396-KS CIRRUS-CS5396-KS Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5397 CIRRUS-CS5397 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5397-KS CIRRUS-CS5397-KS Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
More results

Similar Description - CS5394

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5340 CIRRUS-CS5340 Datasheet
436Kb / 24P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340_06 Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
logo
Asahi Kasei Microsystem...
AKD5366 AKM-AKD5366_07 Datasheet
492Kb / 32P
digital audio 24bit 48kHz A/D converter,
AKD5366VR-A AKM-AKD5366VR-A Datasheet
1Mb / 32P
digital audio 24bit 48kHz A/D converter
logo
Cirrus Logic
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com