Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5394 Datasheet HTML 1Page - Cirrus Logic CS5394 Datasheet HTML 2Page - Cirrus Logic CS5394 Datasheet HTML 3Page - Cirrus Logic CS5394 Datasheet HTML 4Page - Cirrus Logic CS5394 Datasheet HTML 5Page - Cirrus Logic CS5394 Datasheet HTML 6Page - Cirrus Logic CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS5394
DS258PP4
5
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V, All voltages with respect to ground.)
Notes: 5. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
6. The maximum over/under voltage is limited by the input current.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND = 0 V, All voltages with respect to ground.)
Parameter
Symbol
Min
Max
Unit
DC Power Supplies
Positive Analog
Positive Logic
Positive Digital
|VA - VD|
|VA - VL|
|VD - VL|
VA
VL
VD
-0.3
-0.3
-0.3
-
-
-
+6.0
+6.0
+6.0
0.4
0.4
0.4
V
Input Current
(Note 5)
Iin
-±10
mA
Analog Input Voltage
(Note 6)
VINA
-0.7
(VA) + 0.7
V
Digital Input Voltage
(Note 6)
VIND
-0.7
(VD) + 0.7
V
Ambient Operating Temperature (Power Applied)
TA
-55
+100
°C
Storage Temperature
Tstg
-65
+150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Analog
Positive Logic
Positive Digital
|VA - VD|
VA
VL
VD
4.75
4.75
4.75
-
5.0
5.0
5.0
-
5.25
5.25
5.25
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com