Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5394 Datasheet HTML 1Page - Cirrus Logic CS5394 Datasheet HTML 2Page - Cirrus Logic CS5394 Datasheet HTML 3Page - Cirrus Logic CS5394 Datasheet HTML 4Page - Cirrus Logic CS5394 Datasheet HTML 5Page - Cirrus Logic CS5394 Datasheet HTML 6Page - Cirrus Logic CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CS5394
4
DS258PP4
POWER AND THERMAL CHARACTERISTICS (T
A = 25 °C; VA, VL, VD = 5 V ±5%;
Fs = 48 kHz; Master Mode.)
DIGITAL FILTER CHARACTERISTICS (T
A = 25 °C; VA, VL, VD = 5 V ±5%; Fs = 48 kHz)
Notes: 3. Filter characteristic scales with sample rate.
4. The analog modulator samples the input at 3.072 MHz for Fs equal to 48 kHz. There is no rejection of
input signals which are (n
× 3.072 MHz) ±22.1 kHz, where n = 0, 1, 2, 3, ...
DIGITAL CHARACTERISTICS (T
A = 25 °C; VA, VL, VD = 5 V ±5%)
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current (Normal Operation)
(VA) + (VL)
VD
IA
ID
-
-
85
65
TBD
TBD
mA
mA
Power Supply Current (Power-Down Mode)
(VA) + (VL)
VD
IA
ID
-
-
2
2
-
-
mA
mA
Power Consumption
Normal Operation
Power-Down Mode
-
-
750
20
TBD
-
mW
mW
Power Supply Rejection Ratio
1 kHz
PSRR
-
65
-
dB
Allowable Junction Temperature
-
-
135
°C
Junction to Ambient Thermal Impedance
θ
JA
-45-
°C/W
Parameter
Symbol
Min
Typ
Max
Unit
Passband
-0.01 dB
(Note 3)
0
-
22.1
kHz
Passband Ripple
-
-
±0.005
dB
Stopband
(Note 3)
26.6
-
3050
kHz
Stopband Attenuation
(Note 4)
117
-
-
dB
Group Delay (Fs = Output Sample Rate)
tgd
-
34/Fs
-
s
Group Delay Variation vs Frequency
∆t
gd
--
0.0
µs
High Pass Filter Characteristics
Frequency Response
-3 dB
(Note 3)
-0.036 dB
-
-
1.8
20
-
-
Hz
Phase Deviation
@ 20 Hz
(Note 3)
-
5.3
-
Degree
Passband Ripple
-
-
0
dB
Parameter
Symbol
Min
Max
Unit
High-Level Input Voltage
MCLKA/D only
VIH
2.4
3.0
-
-
V
V
Low-Level Input Voltage
MCLKA/D only
VIL
-
-
0.8
1.0
V
V
High-Level Output Voltage
VOH
(VD) - 1.0
-
V
Low-Level Output Voltage
VOL
-0.4
V
Input Leakage Current
Iin
-±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com