Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic CS5394 Datasheet HTML 10Page - Cirrus Logic CS5394 Datasheet HTML 11Page - Cirrus Logic CS5394 Datasheet HTML 12Page - Cirrus Logic CS5394 Datasheet HTML 13Page - Cirrus Logic CS5394 Datasheet HTML 14Page - Cirrus Logic CS5394 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CS5394
DS258PP4
11
full scale. Input signals can be AC or DC coupled.
The VCOM output is available to filter the internal
common mode and it is recommended that this out-
put be used to bias the analog input buffer to mini-
mize distortion. However, this pin is not intended
to supply significant amounts of current and is sus-
ceptable to noise coupling into the sampling cir-
cuits. Please refer to the CDB5394 for a suggested
implementation.
The CS5394 samples the analog inputs at 64
× Fs,
3.072 MHz for a 48 kHz sample-rate. The digital
filter rejects all noise above 26.6 kHz except for
frequencies at 3.072 MHz ±22.1 kHz (and multi-
ples of 3.072 MHz). Most audio signals do not have
significant energy at 3.072 MHz. Nevertheless, a
39
Ω resistor in series with each analog input and a
3.9 nF capacitor across the inputs will attenuate any
noise energy at 3.072 MHz, in addition to provid-
ing the optimum source impedance for the modula-
tors. The use of capacitors which have a large
voltage coefficient must be avoided since these will
degrade signal linearity. NPO and COG capacitors
are recommended. If active circuitry precedes the
ADC, it is recommended that the above RC filter is
placed between the active circuitry and the AINR
and AINL pins. The above example frequencies
scale linearly with sample rate.
The on-chip voltage reference is available at VREF
for the purpose of decoupling only. The circuit
traces attached to this pin must be minimal in
length and no load current may be taken from
VREF. The recommended decoupling scheme,
Figure 1, is a 100 µF electrolytic capacitor and a
0.1 µF ceramic capacitor connected from VREF to
AGND. The decoupling capacitors, particularly the
0.1 µF, must be positioned to minimize the electri-
cal path from VREF and pin 3, AGND, on the
printed circuit board.
High Pass Filter
The CS5394 includes a high pass filter after the
decimator to remove the indeterminate DC offsets
introduced by the analog buffer stage and the
CS5394 analog modulator. The first-order high
pass filter are detailed in the Digital Filter specifi-
cations table. The filter response scales linearly
with sample rate.
Power-up and Calibration
Reliable power-up can be accomplished by with-
holding the MCLKA/D until the 5 Volt power and
configuration pins are stable. It is also recommend-
ed that the MCLKA/D be removed if the supplies
drop below 4.75 Volt to prevent power glitch relat-
ed issues.
The delta-sigma modulators settle in a matter of
microseconds after the analog section is powered,
either through the application of power or by exit-
ing the power-down mode. However, the voltage
reference will take much longer to reach a final val-
ue due to the presence of external capacitance on
the VREF pin.
A calibration of the tri-level delta-sigma modulator
should always be initiated following power-up and
after allowing sufficient time for the voltage on the
external VREF capacitor to settle. This is required
to minimize noise and distortion. Calibration is ac-
tivated on a rising edge applied to the CAL pin and
requires 4100 LRCK cycles. It is also advised that
the CS5394 be calibrated after the device has
reached thermal equilibrium to maximize perfor-
mance.
+3.5 V
+2.5 V
+1.5 V
+3.5 V
+2.5 V
+1.5 V
CS5394
AIN+
AIN-
Full Scale Input level= (AIN+) - (AIN-)= 4.0 Vpp
Figure 4. Full Scale Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com