Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5394 Datasheet HTML 1Page - Cirrus Logic CS5394 Datasheet HTML 2Page - Cirrus Logic CS5394 Datasheet HTML 3Page - Cirrus Logic CS5394 Datasheet HTML 4Page - Cirrus Logic CS5394 Datasheet HTML 5Page - Cirrus Logic CS5394 Datasheet HTML 6Page - Cirrus Logic CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CS5394
DS258PP4
3
ANALOG CHARACTERISTICS (T
A = 25 °C; VA, VL, VD = 5 V; Full-scale Input Sinewave, 997 Hz;
Fs = 48 kHz; SCLK = 3.072 MHz; Analog connections as shown in Figure 1; Measurement Bandwidth is 20 Hz to
20 kHz unless otherwise specified; Logic 0 = 0 V, Logic 1 = VD.)
Notes: 1. Referenced to typical full-scale differential input voltage (4.0 Vpp).
2. Specified for a fully differential input ±{(AINR+) - (AINR-)}. Full-scale outputs will be produced for
differential inputs beyond VIN and within VA and AGND.
* Refer to
Parameter Definitions at the end of this data sheet.
Specifications are subject to change without notice
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
A-weighted
TBD
TBD
114
117
-
-
dB
Total Harmonic Distortion + Noise
(Note 1)
-1.0 dB
-20 dB
-60 dB
THD+N
-
-
-
-103
-94
-54
TBD
TBD
TBD
dB
Total Harmonic Distortion
-1.0 dB
(Note 1)
THD
-
0.0007
TBD
%
Interchannel Phase Deviation
-
0.01
-
Degree
Interchannel Isolation
-
118
-
dB
dc Accuracy
Interchannel Gain Mismatch
-
0.05
-
dB
Gain Error
-
±5
TBD
%
Gain Drift
-
100
-
ppm/°C
Bipolar Offset Error
with High Pass filter
-
0
-
LSB
Analog Input
Full-scale Differential Input Voltage
(Note 2)
VIN
TBD
4.0
TBD
Vpp
Input Impedance
ZIN
-4.5
-
k
Common-Mode Rejection Ratio
CMRR
-
82
-
dB
Common mode bias Voltage
Vcom
-
2.5
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com