Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5394
Description  117 DB 48KHZ AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5394 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5394 Datasheet HTML 4Page - Cirrus Logic CS5394 Datasheet HTML 5Page - Cirrus Logic CS5394 Datasheet HTML 6Page - Cirrus Logic CS5394 Datasheet HTML 7Page - Cirrus Logic CS5394 Datasheet HTML 8Page - Cirrus Logic CS5394 Datasheet HTML 9Page - Cirrus Logic CS5394 Datasheet HTML 10Page - Cirrus Logic CS5394 Datasheet HTML 11Page - Cirrus Logic CS5394 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5394
8
DS258PP4
VREF
AINL+
AINL-
TSTO1
TSTO2
VD
3.9nF
0.1
µF
Left Analog Input -
Left Analog Input +
A/D CONVERTER
SCLK
CS5394
S/M
MCLKA
AINR+
Right Analog Input -
AINR-
Right Analog Input +
VCOM
100
µF
+
Ferrite bead may be used if
VD is derived from VA. If
used, do not drive any other
logic from VD. An example
ferrite bead is Permag
VK200-2.5/52
TSTO pins should be left
floating, with no trace
39
Ω
PDN
ADCTL
DACTL
VA
VL
+5V Analog
1
µF
Ferrite Bead
+5V Digital
5.1
Ω
1
µF
+
+
+
10
µF
+
SDATA*
AGND
LGND
DGND
AGND
22
12
28
25
21
8
6
9
20
7
14
13
16
17
18
19
11
23
24
1
2
4
5
27
26
39
Ω
39
Ω
39
Ω
3.9nF
MCLKD
DFS
LRCK
DGND
15
AGND
3
Mode
Settings
CAL
10
Power Down
and
Calibration Control
Audio
Data
Processor
Timing Logic
and Clock
0.1
µF
0.1
µF.1 µF
0.1
µF
* Refer to SDATA Pin Description
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com