Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1737CS Datasheet HTML 5Page - Linear Technology LT1737CS Datasheet HTML 6Page - Linear Technology LT1737CS Datasheet HTML 7Page - Linear Technology LT1737CS Datasheet HTML 8Page - Linear Technology LT1737CS Datasheet HTML 9Page - Linear Technology LT1737CS Datasheet HTML 10Page - Linear Technology LT1737CS Datasheet HTML 11Page - Linear Technology LT1737CS Datasheet HTML 12Page - Linear Technology LT1737CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT1737
1737f
The LT1737 is a current mode switcher controller IC
designed specifically for the isolated flyback topology. The
Block Diagram shows an overall view of the system. Many
of the blocks are similar to those found in traditional
designs, including: Internal Bias Regulator, Oscillator,
Logic, Current Amplifier and Comparator, Driver and Out-
put Switch. The novel sections include a special Flyback
Error Amplifier and a Load Compensation mechanism.
Also, due to the special dynamic requirements of flyback
control, the Logic system contains additional functionality
not found in conventional designs.
The LT1737 operates much the same as traditional current
mode switchers, the major difference being a different
type of error amplifier that derives its feedback informa-
tion from the flyback pulse. Due to space constraints, this
discussion will not reiterate the basics of current mode
switcher/controllers and isolated flyback converters. A
good source of information on these topics is Application
Note AN19.
ERROR AMPLIFIER—PSEUDO DC THEORY
Please refer to the simplified diagram of the Flyback Error
Amplifier. Operation is as follows: when MOSFET output
switch M1 turns off, its drain voltage rises above the VIN
rail. The amplitude of this flyback pulse as seen on the third
winding is given as:
V
V
V
I
ESR
N
FLBK
OUT
F
SEC
ST
=
++
()
•
VF = D1 forward voltage
ISEC = transformer secondary current
ESR = total impedance of secondary circuit
NST = transformer effective secondary-to-third
winding turns ratio
The flyback voltage is then scaled by external resistor
divider R1/R2 and presented at the FB pin. This is then
compared to the internal bandgap reference by the differ-
ential transistor pair Q1/Q2. The collector current from Q1
is mirrored around and subtracted from fixed current
source IFXD at the VC pin. An external capacitor integrates
this net current to provide the control voltage to set the
current mode trip point.
OPERATIO
The relatively high gain in the overall loop will then cause
the voltage at the FB pin to be nearly equal to the bandgap
reference VBG. The relationship between VFLBK and VBG
may then be expressed as:
V
RR
R
V
FLBK
BG
=
+
()
12
2
Combination with the previous VFLBK expression yields an
expression for VOUT in terms of the internal reference,
programming resistors, transformer turns ratio and diode
forward voltage drop:
VV
RR
RN
V
I
ESR
OUT
BG
ST
F
SEC
=
+
()


12
2
1
––
•
Additionally, it includes the effect of nonzero secondary
output impedance, which is discussed in further detail, see
Load Compensation Theory. The practical aspects of
applying this equation for VOUT are found in the Applica-
tions Information section.
So far, this has been a pseudo-DC treatment of flyback
error amplifier operation. But the flyback signal is a pulse,
not a DC level. Provision must be made to enable the
flyback amplifier only when the flyback pulse is present.
This is accomplished by the dotted line connections to the
block labeled “ENAB”. Timing signals are then required to
enable and disable the flyback amplifier.
ERROR AMPLIFIER—DYNAMIC THEORY
There are several timing signals that are required for
proper LT1737 operation. Please refer to the Timing
Diagram.
Minimum Output Switch On Time
The LT1737 effects output voltage regulation via flyback
pulse action. If the output switch is not turned on at all,
there will be no flyback pulse and output voltage informa-
tion is no longer available. This would cause irregular loop
response and start-up/latchup problems. The solution cho-
sen is to require the output switch to be on for an absolute
minimum time per each oscillator cycle. This in turn estab-
lishes a minimum load requirement to maintain regula-
tion. See Applications Information for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com