Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 3 Page - Linear Technology

  LT1737CS Datasheet HTML 1Page - Linear Technology LT1737CS Datasheet HTML 2Page - Linear Technology LT1737CS Datasheet HTML 3Page - Linear Technology LT1737CS Datasheet HTML 4Page - Linear Technology LT1737CS Datasheet HTML 5Page - Linear Technology LT1737CS Datasheet HTML 6Page - Linear Technology LT1737CS Datasheet HTML 7Page - Linear Technology LT1737CS Datasheet HTML 8Page - Linear Technology LT1737CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1737
1737f
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: Component value range guaranteed by design.
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 14V, GATE open, VC = 1.4V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Amplifier
VC
Control Pin Threshold
Duty Cycle = Min
0.90
1.12
1.25
V
q
0.80
1.35
V
VISENSE
Switch Current Limit
Duty Cycle
≤ 30%
220
250
270
mV
Duty Cycle
≤ 30%
q
200
280
mV
Duty Cycle = 80%
220
mV
∆VISENSE/∆VC
0.30
mV
Timing
f
Switching Frequency
COSCAP = 100pF
90
100
115
kHz
q
80
125
kHz
COSCAP
Oscillator Capacitor Value
(Note 2)
33
200
pF
tON
Minimum Switch On Time
RtON = 50k
200
ns
tED
Flyback Enable Delay Time
RENDLY = 50k
200
ns
tEN
Minimum Flyback Enable Time
RMENAB = 50k
200
ns
Rt
Timing Resistor Value
(Note 2)
24
240
k
Ω
Maximum Switch Duty Cycle
q
85
90
%
Load Compensation
Sense Offset Voltage
25
mV
Current Gain Factor
0.80
0.95
1.05
mV
UVLO Function
VUVLO
UVLO Pin Lockout Threshold
q
1.21
1.25
1.29
V
UVLO Pin Shutdown Threshold
0.75
V
q
0.4
0.95
V
IUVLO
UVLO Pin Bias Current
VUVLO = 1.2V
– 0.25
+ 0.1
+ 0.25
µA
VUVLO = 1.3V
– 4.50
– 3.5
– 2.50
µA
3V Output Function
VREF
Reference Output Voltage
ILOAD = 1mA
q
2.8
3.0
3.2
V
Output Impedance
10
Ω
Current Limit
q
815
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com