Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 1 Page - Linear Technology

  LT1737CS Datasheet HTML 1Page - Linear Technology LT1737CS Datasheet HTML 2Page - Linear Technology LT1737CS Datasheet HTML 3Page - Linear Technology LT1737CS Datasheet HTML 4Page - Linear Technology LT1737CS Datasheet HTML 5Page - Linear Technology LT1737CS Datasheet HTML 6Page - Linear Technology LT1737CS Datasheet HTML 7Page - Linear Technology LT1737CS Datasheet HTML 8Page - Linear Technology LT1737CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1737
1737f
APPLICATIO S
FEATURES
DESCRIPTIO
High Power
Isolated Flyback Controller
The LT
®1737 is a monolithic switching regulator control-
ler specifically designed for the isolated flyback topology.
It drives the gate of an external MOSFET and is generally
powered from a DC supply voltage. Output voltage feed-
back information may be supplied by a variety of methods
including a third transformer winding, the primary wind-
ing or even direct DC feedback (see Applications Informa-
tion). Its gate drive capability, coupled with a suitable
external MOSFET and other power path components, can
deliver load power up to tens of Watts.
The LT1737 has a number of features not found on other
isolated flyback controller ICs. By utilizing current mode
switching techniques, it provides excellent AC and DC line
regulation. Its unique control circuitry can maintain regu-
lation well into discontinuous mode in most applications.
Optional load compensation circuitry allows for improved
load regulation. An optional undervoltage lockout pin
halts operation when the application input voltage is too
low. An optional external capacitor implements a soft-
start function.
s
Drives External Power MOSFET
s
Supply Voltage Range: 4.5V to 20V
s
Flyback Voltage Limited Only by
External Components
s
Senses Output Voltage Directly from Primary Side
Winding—No Optoisolator Required
s
Switching Frequency from 50kHz to 250kHz
with External Capacitor
s
Moderate Accuracy Regulation Without User Trims
s
Regulation Maintained Well into Discontinuous Mode
s
External ISENSE Resistor
s
Optional Load Compensation
s
Optional Undervoltage Lockout
s
Shutdown Feature Reduces IQ to 50µA Typ
s
Available in 16-Pin GN and SO Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Isolated Flyback Switching Regulators
s
Medical Instruments
s
Instrumentation Power Supplies
12V-18V to Isolated 15V Converter
PGND
ISENSE
GATE
VC
FB
R1
0.27
Ω
M1
IRFL014
T1
COILTRONICS
CTX150-4
VIN
VCC
UVLO
SGND
1737 TA01
RCMPC
ROCMP
MINENAB
LT1737
ENDLY
OSCAP
tON
R3
3.01k
1%
C3
0.1
µF
•
•
D1
MBRS1100
C2
33
µF
+
R4
7.5k
VOUT = 15V
IOUT = 300mA
D2
BAS16
Q1
2N3906
R2
35.7k
1%
C1
22
µF
150
µH
150
µH
+
240k
33k
1nF
47pF
75k
150k
100k
4.7k
0.1
µF
NOTE: SEE APPLICATIONS
INFORMATION FOR ADDITIONAL
COMPONENT SPECIFICATIONS
TYPICAL APPLICATIO


Similar Part No. - LT1737CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
High Power Isolated Flyback Controller
More results

Similar Description - LT1737CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
General Purpose Isolated Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
100V Isolated Flyback Controller
LT3748 LINER-LT3748_1 Datasheet
290Kb / 30P
100V Isolated Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
General Purpose Isolated Flyback Controller
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
High Power Isolated Flyback Controller
LT3748 LINER-LT3748_15 Datasheet
534Kb / 34P
100V Isolated Flyback Controller
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
Isolated Synchronous Flyback Controller
4/2019-Rev. A to Rev. B
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com