Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 5 Page - Linear Technology

  LT1737CS Datasheet HTML 1Page - Linear Technology LT1737CS Datasheet HTML 2Page - Linear Technology LT1737CS Datasheet HTML 3Page - Linear Technology LT1737CS Datasheet HTML 4Page - Linear Technology LT1737CS Datasheet HTML 5Page - Linear Technology LT1737CS Datasheet HTML 6Page - Linear Technology LT1737CS Datasheet HTML 7Page - Linear Technology LT1737CS Datasheet HTML 8Page - Linear Technology LT1737CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1737
1737f
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
275
250
225
200
175
150
125
25
75
1737 G10
–25
0
50
100
125
RTON = 50k
TEMPERATURE (
°C)
–50
275
250
225
200
175
150
125
25
75
1737 G11
–25
0
50
100
125
RMINENAB = 50k
TEMPERATURE (
°C)
–50
275
250
225
200
175
150
125
25
75
1737 G12
–25
0
50
100
125
Minimum Switch On Time vs
Temperature
Minimum Enable Time vs
Temperature
Enable Delay Time vs
Temperature
FB PIN VOLTAGE (V)
1.05
1.35
1737 G13
1.15
1.25
80
60
40
20
0
–20
–40
–60
–80
1.10
1.20
1.30
1.40
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–50
1600
1400
1200
1000
800
600
400
200
25
75
1737 G14
–25
0
50
100
125
TEMPERATURE (
°C)
–50
60
50
40
30
20
10
0
25
75
1737 G15
–25
0
50
100
125
V(SFST) = 0V
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1737 G16
–25
25
100
125
V(SFST) = 1.5V
Feedback Amplifier Output Current
vs FB Pin Voltage
Feedback Amplifier
Transconductance vs Temperature
Soft-Start Charging Current vs
Temperature
Soft-Start Sink Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com