Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 19 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1737CS Datasheet HTML 15Page - Linear Technology LT1737CS Datasheet HTML 16Page - Linear Technology LT1737CS Datasheet HTML 17Page - Linear Technology LT1737CS Datasheet HTML 18Page - Linear Technology LT1737CS Datasheet HTML 19Page - Linear Technology LT1737CS Datasheet HTML 20Page - Linear Technology LT1737CS Datasheet HTML 21Page - Linear Technology LT1737CS Datasheet HTML 22Page - Linear Technology LT1737CS Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT1737
1737f
MAXIMUM LOAD/SHORT-CIRCUIT CONSIDERATIONS
The LT1737 is a current mode controller. It uses the VC
node voltage as an input to a current comparator that turns
off the output switch on a cycle-by-cycle basis as this peak
current is reached. The internal clamp on the VC node,
nominally 2.5V, then acts as an output switch peak current
limit.
This 2.5V at the VC pin corresponds to a value of 250mV
at the ISENSE pin, when the (ON) switch duty cycle is less
than 40%. For a duty cycle above 40%, the internal slope
compensation mechanism lowers the effective ISENSE
voltage limit. For example, at a duty cycle of 80%, the
nominal ISENSE voltage limit is 220mV. This action be-
comes the switch current limit specification. Maximum
available output power is then determined by the switch
current limit, which is somewhat duty cycle dependent
due to internal slope compensation action.
Overcurrent conditions are handled by the same mecha-
nism. The output switch turns on, the peak current is
quickly reached and the switch is turned off. Because the
output switch is only on for a small fraction of the available
period, power dissipation is controlled.
Loss of current limit is possible under certain conditions.
Remember that the LT1737 normally exhibits a minimum
switch on time, irrespective of current trip point. If the duty
cycle exhibited by this minimum on time is greater than the
ratio of secondary winding voltage (referred-to-primary)
divided by input voltage, then peak current will not be
controlled at the nominal value, and will cycle-by-cycle
ratchet up to some higher level. Expressed mathemati-
cally, the requirement to maintain short-circuit control is:
tf
VI
R
VN
ON
F
SC
SEC
IN
SP
•
•
•
<
+
()
where
tON = output switch minimum on time
f = switching frequency
ISC = short-circuit output current
VF = output diode forward voltage at ISC
RSEC = resistance of transformer secondary
VIN = input voltage
NSP = secondary-to-primary turns ratio (NSEC/NPRI)
Trouble is typically only encountered in applications with
a relatively high product of input voltage times secondary-
to-primary turns ratio and/or a relatively long minimum
switch on time. (Additionally, several real world effects such
as transformer leakage inductance, AC winding losses, and
output switch voltage drop combine to make this simple
theoretical calculation a conservative estimate.)
THERMAL CONSIDERATIONS
Care should be taken to ensure that the worst-case input
voltage condition does not cause excessive die tempera-
tures. The 16-lead SO package is rated at 100
°C/W, and
the 16-lead GN at 110
°C/W.
Average supply current is simply the sum of quiescent
current given in the specifications section plus gate drive
current. Gate drive current can be computed as:
IG = f • QG where
QG = total gate charge
f = switching frequency
(Note: Total gate charge is more complicated than CGS • VG
as it is frequently dominated by Miller effect of the CGD.
Furthermore, both capacitances are nonlinear in practice.
Fortunately, most MOSFET data sheets provide figures
and graphs which yield the total gate charge directly per
operating conditions.) Nearly all gate drive power is dissi-
pated in the IC, except for a small amount in the external
gate series resistor, so total IC dissipation may be com-
puted as:
PD(TOTAL) = VCC (IQ + • f • QG ), where
IQ = quiescent current (from specifications)
QG = total gate charge
f = switching frequency
VCC = LT1737 supply voltage
SWITCH NODE CONSIDERATIONS
For maximum efficiency, gate drive rise and fall times are
made as short as practical. To prevent radiation and high
frequency resonance problems, proper layout of the
components connected to the IC is essential, especially
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com