Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 4 Page - Linear Technology

  LT1737CS Datasheet HTML 1Page - Linear Technology LT1737CS Datasheet HTML 2Page - Linear Technology LT1737CS Datasheet HTML 3Page - Linear Technology LT1737CS Datasheet HTML 4Page - Linear Technology LT1737CS Datasheet HTML 5Page - Linear Technology LT1737CS Datasheet HTML 6Page - Linear Technology LT1737CS Datasheet HTML 7Page - Linear Technology LT1737CS Datasheet HTML 8Page - Linear Technology LT1737CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT1737
1737f
TEMPERATURE (
°C)
–50
13
12
11
10
9
8
0
50
75
1737 G04
–25
25
100
125
TEMPERATURE (
°C)
–50
1
0
–1
–2
–3
–4
–5
–6
25
75
1737 G05
–25
0
50
100
125
VUVLO = 1.3V
VUVLO = 1.2V
TEMPERATURE (
°C)
–50
115
110
105
100
95
90
85
25
75
1737 G06
–25
0
50
100
125
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
4.3
4.2
4.1
4.0
3.9
3.8
0
50
75
1737 G01
–25
25
100
125
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
25
75
1737 G03
–25
0
50
100
125
Minimum Input Voltage vs
Temperature
Shutdown ICC vs Temperature
Shutdown Voltage (VUVLO) vs
Temperature
Supply Current vs Temperature
UVLO Pin Input Current vs
Temperature
Oscillator Frequency vs
Temperature
ISINK (mA)
1
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
1737 G07
TA = 125°C
TA = –55°C
TA = 25°C
ISOURCE (mA)
1
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
10
100
1000
1737 G08
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–50
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
1737 G09
–25
0
50
100
125
CLAMP VOLTAGE
SWITCHING THRESHOLD
VGATE vs ISINK
VCC-VGATE vs ISOURCE
VC Clamp Voltage, Switching
Threshold vs Temperature
TEMPERATURE (
°C)
–50
125
100
75
50
25
0
0
50
75
1737 G02
–25
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com