Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737CS Datasheet(PDF) 21 Page - Linear Technology

Part # LT1737CS
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737CS Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1737CS Datasheet HTML 17Page - Linear Technology LT1737CS Datasheet HTML 18Page - Linear Technology LT1737CS Datasheet HTML 19Page - Linear Technology LT1737CS Datasheet HTML 20Page - Linear Technology LT1737CS Datasheet HTML 21Page - Linear Technology LT1737CS Datasheet HTML 22Page - Linear Technology LT1737CS Datasheet HTML 23Page - Linear Technology LT1737CS Datasheet HTML 24Page - Linear Technology LT1737CS Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LT1737
1737f
TYPICAL APPLICATIO S
BASIC APPLICATION WITH
3-WINDING TRANSFORMER
Figure 8 shows a compact, low power application of the
LT1737. Transformer T1 is an off-the-shelf VERSA-PAC
TM,
#VP1-0190, produced by Coiltronics. As manufactured, it
consists of six ideally identical independent windings. In
this application, two windings are stacked in series on the
primary side and three are placed in parallel on the
secondary side. This arrangement provides a 2:1 primary-
to-secondary turns ratio while maximizing overall effi-
ciency. The remaining primary side winding provides a
ground-referred version of the flyback voltage waveform
for the purpose of feedback.
The design accepts an input voltage in the range of 8V to
25V and outputs an isolated 5V. To prevent overvoltage on
the LT1737 and the gate of MOSFET M1, an LT1121 low
dropout linear regulator is employed (U2). Resistor di-
vider R11/R12 sets the output of U2 at nominally 8.25V. (A
few hundred millivolts of dropout will therefore be seen at
the very bottom of the input supply range.) The positive
going drive potential at the LT1737 GATE pin is typically 2V
or so below its VCC supply pin, so a logic level MOSFET has
been specified for M1.
Capacitor C6 sets the switching frequency at approxi-
mately 200kHz. Optimal load compensation for the
transformer and secondary circuit components is set by
resistor R8. Resistor R10 provides a guaranteed mini-
mum load of about 20mA to maintain rough output voltage
regulation. The soft-start and UVLO features are unused
as shown.
PGND
ISENSE
GATE
VC
FB
R1
0.2
Ω
0.5W
IRC TYPE LR 2010
M1
IRLL014
R2
5.1
Ω
5%
1
10
7
3
T1
COILTRONICS
VP1-0190
6
4
2
5
R13
51
Ω
5%
VCC
UVLO
3VOUT
SGND
1737 F08
RCMPC
ROCMP
MINENAB
LT1737
R7
51k
5%
R6
51k
5%
C6
47pF
50V
NPO
6
8
7
3
910
15
16
2
1
2
8
3
14
13
12
4
5
11
1
ENDLY
SFST
OSCAP
tON
C5
1nF
25V
X7R
R8
4.3k
5%
R9
68
Ω
5%
D2
1N5250
D3
MBR0540
R5
51k
5%
R11
24k
5%
C1: SANYO ALUMINUM ELECTROLYTIC (35CV331GX)
C2: SANYO POSCAP (10TPC68M)
C8: SANYO POSCAP (10TPA33M)
D1: MOTOROLA 30V, 3A SCHOTTKY RECTIFIER
D2: 20V, 500mW ZENER DIODE
D3: MOTOROLA 40V, 0.5A SCHOTTKY RECTIFIER
R12
20k
5%
R4
3.92k
1%
R3
12.7k
1%
C3
1
µF
25V
Z5U
C1
330
µF
35V
VIN
C7
0.1
µF
25V
Z5U
C9
1nF
25V
X7R
C4
470pF
50V
X7R
OUT
U2
LT1121
ADJ
INP
GND
•
•
•
•
11
8
•
12
D1
MBRD330
9
•
+
C2
68
µF
10V
+
C8
33
µF
10V
L1
1
µH
OPTIONAL OUTPUT FILTER
+
R10
240
Ω
5%
VOUT
5V
500mA
VOUT
5V
500mA
L1: COILCRAFT DO1608C-102 1
µH, 0.05Ω INDUCTOR
M1: INT’L RECTIFIER IRLL014 60V, 0.2
Ω LOGIC LEVEL N-CH MOSFET
U2: LINEAR TECHNOLOGY MICROPOWER LDO REGULATOR
Figure 8. 8V-25V to Isolated 5V Converter
VERSA-PAC is a trademark of Coiltronics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com