Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8541EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
8
_______________________________________________________________________________________
Pin Description
PIN
MAX8540
MAX8541
NAME
FUNCTION
1
1
REF
5V Reference Voltage Output. Bypass to ground with a 1µF capacitor. REF is pulled to GND
during shutdown.
22
OV
System Input Overvoltage Monitoring. The OV threshold is 3.021V with 130mV hysteresis.
Connect to the center of a resistor-divider from the system input to GND to set the overvoltage
trip point (see the Overvoltage Threshold section).
33
UV
System Input Undervoltage Monitoring and Feed-Forward Input. The UV threshold is 1.25V with
120mV hysteresis. Connect to the center of a resistor-divider from the system input to GND to
set the undervoltage trip point (see the Undervoltage Threshold section). This input can be used
as a disable input by pulling it below 1.2V. UV remains active during shutdown.
44
FREQ/
SYNC
Programmable Frequency and Sync Input. Connect a resistor in parallel with RC (10k
Ω, 0.01µF) from
FREQ/SYNC to GND to set the switching frequency or apply an external clock signal through a diode
to synchronize to an external frequency.
55
SS
Soft-Start Capacitor Connection. Connect a capacitor from SS to GND to set the soft-start time period.
6
6
MAXDTY
Programmable Maximum Duty-Cycle Input. Connect a resistor from MAXDTY to GND to set the
maximum duty cycle for minimum system input voltages. The maximum duty cycle is inversely
proportional to the system input voltage. The higher the input voltage, the less the maximum
duty cycle. The maximum duty cycle is internally limited to 80% at any switching frequency.
MAXDTY is high impedance during shutdown. Bypass MAXDTY with a 2200pF capacitor.
77
EN
Active-Low Enable Input. Drive EN to GND to enable the IC. Drive high to place the IC in
shutdown mode.
8
—
SCOMP
Programmable Slope Compensation Input. Connect a resistor from SCOMP to GND to set the
slope compensation.
—
8
PRAMP
Programmable Voltage-Mode Control-Ramp Input. Connect a resistor from PRAMP to GND to
set the magnitude of the voltage ramp.
9
9
OPTO
Isolated Feedback Input. Connect to an optocoupler for an isolated power converter or connect to the
output of a voltage-error amplifier for a nonisolated power converter for a feedback-error signal.
10
10
ILIM
Current-Limit Threshold Input. Connect to the center of a resistor-divider from REF to GND to set
the current-limit threshold voltage.
11
11
SKTOFF
Current-Limit Off-Time Input. Connect a capacitor from SKTOFF to GND to set the current-limit off-time.
Pull SKTOFF to REF through a 10k
Ω resistor to latch off the IC after an overcurrent event.
12
12
CS
Current-Sense Input. Provides current-sense feedback for cycle-by-cycle current limit and is
also the current-mode input for the MAX8540. Connect a current-sense resistor from CS to GND.
13
13
SKTON
Current-Limit On-Time Input. Connect a capacitor to ground to set the current-limit on-time.
14
14
GND
Ground
15
15
DRV
Gate Drive for External N-Channel Power MOSFET. Connect to the gate of an external MOSFET
for low-power applications. Connect to the input of an external gate driver for high-power
applications.
16
16
VCC
Voltage Supply for the IC. Operating input voltage range is 7.6V to 18V. Bypass VCC with a
ceramic capacitor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com