Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8541EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
where RPRAMP is in k
Ω. The ramp-voltage magnitude is
independent of frequency. The range of values for
RPRAMP is from 12.4k
Ω to 42kΩ.
Soft-Start
The soft-start feature allows converters built using the
MAX8540/MAX8541 to apply power to the load in a
controllable soft ramp, thus reducing startup surges
and stresses. It also determines power-up sequencing
when several converters are used.
Upon power turn-on, the soft-start pin acts as a current
sink to discharge any capacitance connected to it. Once
the voltage at VCC has exceeded its lockout value, soft-
start then charges the external capacitor (CSS), allowing
the converter output voltage to ramp up. Full output volt-
age is reached in approximately 440ms/µF.
Current Limit
The MAX8540/MAX8541 utilize two current-limit
schemes: cycle-by-cycle current limit and short-circuit
current limit. Set the current-limit threshold using a
resistor-divider from REF to GND with ILIM connected to
the center. The current-limit threshold is determined as:
where R5 is the resistor from ILIM to GND and R6 is the
resistor from REF to ILIM. Use 240k
Ω for R16 and vary
R23 to change the threshold.
The CS signal provides feedback on the current ramp
through the main external MOSFET. The voltage on CS
is monitored by the IC. The cycle-by-cycle current limit
abbreviates the on-time of the external MOSFET in the
event that the voltage at CS is greater than the thresh-
old voltage set by ILIM.
The current-limit feature protects against a hard short
or overcurrent fault at the output by one of two selected
protection modes: by latching off the output, or pulsing
the output to reduce the average output current
(hiccup mode).
To select latched mode, connect SKTOFF to REF. In
this mode, if the hard short exists for the time period set
by the capacitance at SKTON, the output is latched off.
To unlatch the output, toggle EN or cycle the input
power to VCC.
To select hiccup mode, connect capacitors to SKTON
and SKTOFF to program the hiccup mode on- and off-
times. When a cycle-by-cycle event is detected, the IC
charges the capacitor at SKTON. The capacitor contin-
ues to charge as long as the CS voltage is greater than
the ILIM threshold voltage. Once the voltage on SKTON
reaches its threshold voltage, the MAX8540/MAX8541
begin skipping switching cycles for a time determined
by the capacitance connected to SKTOFF. Once this
time period has elapsed, the IC begins to switch for the
time period set by the capacitance connected to
SKTON. This process continues until the output short is
removed. See the SKTON and SKTOFF section for
details on setting the hiccup-mode periods.
Connect SKTOFF to REF and SKTON to GND to disable
the latched-mode and hiccup-mode protection, and
operate continuously in cycle-by-cycle current-limit.
PMW Comparator
The PWM comparator of the MAX8540 transforms the
optocoupled error voltage (VOPTO) into a duty cycle by
comparing the opto feedback-error voltage with a
summed voltage. The summed voltage is the sum of
the programmable slope compensation and the cur-
rent-sense voltages. When the summed voltage
exceeds the opto feedback error voltage, the gate-
drive logic turns off the external MOSFET.
The PWM comparator in the MAX8541 compares
VOPTO with the programmable voltage ramp. When the
voltage ramp exceeds VOPTO, the gate-driver logic
turns off the external MOSFET.
SKTON and SKTOFF
The capacitance, CSKTON, determines the time period
allowed before the short-circuit current limit initiates.
Once the CS voltage exceeds the ILIM threshold, the
capacitor at SKTON begins to charge. The capacitor
continues to charge until the SKTON threshold voltage
is reached or the overcurrent event is removed. This
feature allows for the higher currents required during
startup with high-capacitance loads. Set CSKTON to
allow sufficient time for startup. The required capaci-
tance at SKTON is determined as:
CSKTON = tON / 103
where tON is in ms and CSKTON is in µF. The allowable
range for CSKTON is 100pF to 0.01µF.
The capacitance at SKTOFF determines the time period
that the external MOSFET is turned off during an over-
current event. Once the SKTON time period is exceeded,
the SKTOFF capacitor charges. Once VSKTOFF reaches
its threshold, the IC begins to switch again. CSKTOFF is
determined as:
CSKTOFF = tOFF / 103
where tOFF is in ms and CSKTOFF is in µF. The allow-
able range for CSKTOFF is 1000pF to 1µF.
V
R
RR
V
ILIM
REF
=
+
×
5
56
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
______________________________________________________________________________________________________
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com