Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Pull VSKTOFF to VREF through a 10k
Ω pullup resistor to
enable the latch-off feature. In this mode, once the
SKTON time has elapsed, the IC is latched off. The cir-
cuit remains off until EN is toggled, or the input power is
toggled.
Soft-Start Capacitor Selection
During startup, the capacitor at soft-start is charged
using a 5µA current source. Once the voltage at soft-
start reaches the threshold voltage (2V typ), the IC
switches normally. Use a low-ESR ceramic capacitor
placed as close as possible to the IC at soft-start. The
value is determined as follows:
where tSS is the desired soft-start period in ms and CSS
is in µF.
Applications Information
Refer to the following application notes for the
MAX8540/MAX8541 application circuits and applica-
tions information: 50W Current-Mode Forward
Converter Design with the MAX8540 and 50W Voltage-
Mode Forward Converter Design with the MAX8541.
C
t
SS
SS
=
530
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
12
______________________________________________________________________________________
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
REF
VCC
DRV
GND
SKTON
CS
SKTOFF
ILIM
OPTO
MAX8541EEE
QSOP
OV
UV
MAXDTY
FREQ/SYNC
SS
EN
PRAMP
Pin Configurations (continued)
Chip Information
TRANSISTOR COUNT: 2704
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com