Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8541EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VVCC = 12V, CREF = 1µF, VUV = VOV = 2V, RFREQ/SYNC = 32.4k
Ω, CSS = 0.1µF, RMAXDTY = 97.6kΩ, VEN = 0, RSCOMP = 68kΩ,
RPRAMP = 25k
Ω, CSKTON = 0.01µF, CSKTOFF = 0.1µF, VOPTO = 2V, VILIM = 4V, VCS = 0.6V, CDRV = 10pF, TA = -40°C to +85°C,
unless otherwise noted.) (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EN
VIL
1.2
Input Threshold
VIH
2.6
V
Pullup Current
V EN = 2.6V
5
µA
CURRENT LIMIT
VILIM Range
0.075
1.25
V
CS Current Limit to DRV Delay
Includes leading-edge blanking time
150
ns
Accuracy when VILIM = 0.075V
±10
%
VCS Cycle-by-Cycle Threshold Voltage
VILIM = 1.250V
1.130
1.375
V
ILIM Leakage Current
-1
+1
µA
Hiccup Skip Off-Charging Current
0.9
2.1
µA
Hiccup Skip On-Charging Current
1.5
3.5
µA
Hiccup SKTOFF Voltage Threshold
2.3
2.7
V
DUTY CYCLE
Duty-Cycle Range
VUV = 1.3V
15
80
%
Maximum Duty Cycle
Internal programmed max duty at all frequencies
79
82
%
SOFT-START
Source Current
VSS = 1V
4.5
6.5
µA
Pulldown Resistance in Shutdown
ISS = 10mA, V EN = 3V
30
Ω
FREQUENCY
Initial Accuracy
RFREQ = 32.4k
Ω
280
320
kHz
SYNC (EXTERNAL FREQUENCY SYNCHRONIZATION)
Frequency Range
Frequency syncs
±30% of frequency set by
external R on FREQ pin
0.2
1.0
M H z
FREQ Input Threshold
(Note 4)
2
3
V
Note 1: This is the VCC operating range after clearing the rising UVLO.
Note 2: Guaranteed by design.
Note 3: See the SKTON and SKTOFF section.
Note 4: The minimum FREQ pulse must be 200ns in duration with a minimum magnitude of 3V plus VF of the external diode and
have a maximum duty cycle of 55%.
Note 5: Specifications to -40°C are guaranteed by design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com